Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R064 Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT46R064
Description  Enhanced A/D Type 8-Bit OTP MCU
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064 Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT46R064_13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 101 page
background image
HT46R064/065/066/0662/067
Rev. 1.30
50
January 22, 2013
Pulse Width Modulator
Every device includes a multiple output 8-bit PWM
function. Useful for such applications such as motor
speed control, the PWM function provides outputs with a
fixed frequency but with a duty cycle that can be varied
by setting particular values into the corresponding PWM
register.
Device
Channels
Mode
Pins
Registers
HT46R064
HT46R065
1
6+2
7+1
PA4
PWM0
HT46R066
HT46R0662
2
PA4
PC3
PWM0
PWM1
HT46R067
3
PA4
PC3
PC2
PWM0
PWM1
PWM2
PWM Operation
A single register, known as PWMn and located in the
Data Memory is assigned to each Pulse Width Modula-
tor channel. It is here that the 8-bit value, which repre-
sents the overall duty cycle of one modulation cycle of
the output waveform, should be placed. To increase the
PWM modulation frequency, each modulation cycle is
subdivided into two or four individual modulation sub-
sections, known as the 7+1 mode or 6+2 mode respec-
tively. The required mode and the on/off control for each
PWM channel is selected using the CTRL0 and CTRL2
registers. Note that when using the PWM, it is only nec-
essary to write the required value into the PWMn regis-
ter and select the required mode setup and on/off
control using the CTRL0 and CTRL2 registers, the sub-
division of the waveform into its sub-modulation cycles
is implemented automatically within the microcontroller
hardware. The PWM clock source is the system clock
fSYS. This method of dividing the original modulation cy-
cle into a further 2 or 4 sub-cycles enable the generation
of higher PWM frequencies which allow a wider range of
applications to be served. The difference between what
is known as the PWM cycle frequency and the PWM
modulation frequency should be understood. As the
PWM clock is the system clock, fSYS, and as the PWM
value is 8-bits wide, the overall PWM cycle frequency is
fSYS/256. However, when in the 7+1 mode of operation
the PWM modulation frequency will be fSYS/128, while
the PWM modulation frequency for the 6+2 mode of op-
eration will be fSYS/64.
PWM
Modulation
PWM Cycle
Frequency
PWM Cycle
Duty
fSYS/64 for (6+2) bits mode
fSYS/128for (7+1) bits mode
fSYS/256
[PWM]/256
6+2 PWM Mode
Each full PWM cycle, as it is controlled by an 8-bit PWM
register, has 256 clock periods. However, in the 6+2
PWM mode, each PWM cycle is subdivided into four in-
dividual sub-cycles known as modulation cycle 0 ~ mod-
ulation cycle 3, denoted as i in the table. Each one of
these four sub-cycles contains 64 clock cycles. In this
mode, a modulation frequency increase of four is
achieved. The 8-bit PWM register value, which repre-
sents the overall duty cycle of the PWM waveform, is di-
vided into two groups. The first group which consists of
bit2~bit7 is denoted here as the DC value. The second
group which consists of bit0~bit1 is known as the AC
value. In the 6+2 PWM mode, the duty cycle value of
each of the four modulation sub-cycles is shown in the
following table.
Parameter
AC (0~3)
DC
(Duty Cycle)
Modulation cycle i
(i=0~3)
i<AC
DC+1
64
i
³AC
DC
64
6+2 Mode Modulation Cycle Values
The following diagram illustrates the waveforms associ-
ated with the 6+2 mode of PWM operation. It is impor-
tant to note how the single PWM cycle is subdivided into
4 individual modulation cycles, numbered from 0~3 and
how the AC value is related to the PWM value.
P W M 0 D u t y R e g i s t e r
8 - b i t C o m p a r a t o r 0
P W M 1 D u t y R e g i s t e r
P W M 2 R e g i s t e r
8 - b i t C o m p a r a t o r 1
8 - b i t C o m p a r a t o r 2
8 - b i t / ( 7 + 1 ) / ( 6 + 2 )
P W M C o u n t e r
P M W 0
P M W 1
P M W 2
PWM Block Diagram


Similar Part No. - HT46R064_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R064_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com