Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R064 Datasheet(PDF) 76 Page - Holtek Semiconductor Inc

Part # HT46R064
Description  Enhanced A/D Type 8-Bit OTP MCU
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064 Datasheet(HTML) 76 Page - Holtek Semiconductor Inc

Back Button HT46R064_13 Datasheet HTML 72Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 73Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 74Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 75Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 76Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 77Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 78Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 79Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 80Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 101 page
background image
RLC [m]
Rotate Data Memory left through Carry
Description
The contents of the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7
replaces the Carry bit and the original carry flag is rotated into bit 0.
Operation
[m].(i+1)
¬ [m].i; (i = 0~6)
[m].0
¬ C
C
¬ [m].7
Affected flag(s)
C
RLCA [m]
Rotate Data Memory left through Carry with result in ACC
Description
Data in the specified Data Memory and the carry flag are rotated left by 1 bit. Bit 7 replaces
the Carry bit and the original carry flag is rotated into the bit 0. The rotated result is stored in
the Accumulator and the contents of the Data Memory remain unchanged.
Operation
ACC.(i+1)
¬ [m].i; (i = 0~6)
ACC.0
¬ C
C
¬ [m].7
Affected flag(s)
C
RR [m]
Rotate Data Memory right
Description
The contents of the specified Data Memory are rotated right by 1 bit with bit 0 rotated into
bit 7.
Operation
[m].i
¬ [m].(i+1); (i = 0~6)
[m].7
¬ [m].0
Affected flag(s)
None
RRA [m]
Rotate Data Memory right with result in ACC
Description
Data in the specified Data Memory and the carry flag are rotated right by 1 bit with bit 0 ro-
tated into bit 7. The rotated result is stored in the Accumulator and the contents of the Data
Memory remain unchanged.
Operation
ACC.i
¬ [m].(i+1); (i = 0~6)
ACC.7
¬ [m].0
Affected flag(s)
None
RRC [m]
Rotate Data Memory right through Carry
Description
The contents of the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0
replaces the Carry bit and the original carry flag is rotated into bit 7.
Operation
[m].i
¬ [m].(i+1); (i = 0~6)
[m].7
¬ C
C
¬ [m].0
Affected flag(s)
C
RRCA [m]
Rotate Data Memory right through Carry with result in ACC
Description
Data in the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0 re-
places the Carry bit and the original carry flag is rotated into bit 7. The rotated result is
stored in the Accumulator and the contents of the Data Memory remain unchanged.
Operation
ACC.i
¬ [m].(i+1); (i = 0~6)
ACC.7
¬ C
C
¬ [m].0
Affected flag(s)
C
HT46R064/065/066/0662/067
Rev. 1.30
76
January 22, 2013


Similar Part No. - HT46R064_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R064_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com