Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R064 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc

Part # HT46R064
Description  Enhanced A/D Type 8-Bit OTP MCU
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R064 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc

Back Button HT46R064_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R064_13 Datasheet HTML 42Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 101 page
background image
HT46R064/065/066/0662/067
Rev. 1.30
38
January 22, 2013
¨ HT46R065
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
¾
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PBC
3FH
¾¾
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
¾¾
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
PCPU
00H
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
²¾² Unimplemented, read as ²0²
PAWKn: PA wake-up function enable
0: disable
1: enable
PACn/PBCn/PCCn: I/O type selection
0: output
1: input
PAPUn/PBPUn/PCPUn: Pull-high function enable
0: disable
1: enable
¨ HT46R066
Register
Name
POR
Bit
76543210
PAWK
00H
PAWK7
PAWK6
PAWK5
PAWK4
PAWK3
PAWK2
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC5
PAC4
PAC3
PAC2
PAC1
PAC0
PAPU
00H
¾
PAPU6
PAPU5
PAPU4
PAPU3
PAPU2
PAPU1
PAPU0
PBC
3FH
¾¾
PBC5
PBC4
PBC3
PBC2
PBC1
PBC0
PBPU
00H
¾¾
PBPU5
PBPU4
PBPU3
PBPU2
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC5
PCC4
PCC3
PCC2
PCC1
PCC0
PCPU
00H
PCPU7
PCPU6
PCPU5
PCPU4
PCPU3
PCPU2
PCPU1
PCPU0
PDC
0FH
¾¾¾¾
PDC3
PDC2
PDC1
PDC0
PDPU
00H
¾¾¾¾
PDPU3
PDPU2
PDPU1
PDPU0
²¾² Unimplemented, read as ²0²
PAWKn: PA wake-up function enable
0: disable
1: enable
PACn/PBCn/PCCn/PDCn: I/O type selection
0: output
1: input
PAPUn/PBPUn/PCPUn/PDPUn: Pull-high function enable
0: disable
1: enable


Similar Part No. - HT46R064_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
More results

Similar Description - HT46R064_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_15 Datasheet
4Mb / 135P
   Enhanced A/D 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com