Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R068B Datasheet(PDF) 93 Page - Holtek Semiconductor Inc

Part # HT46R068B
Description  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Datasheet(HTML) 93 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 89Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 90Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 91Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 92Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 93Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 94Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 95Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 96Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 97Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 135 page
background image
Rev. 1.50
9�
�e���a�� 05� �015
Rev. 1.50
93
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
I2C Interface
TheI2Cinterfaceisusedtocommunicatewithexternalperipheraldevicessuchassensors,
EEPROMmemoryetc.OriginallydevelopedbyPhilips,itisatwolinelowspeedserialinterface
forsynchronousserialdatatransfer.Theadvantageofonlytwolinesforcommunication,relatively
simplecommunicationprotocolandtheabilitytoaccommodatemultipledevicesonthesamebus
hasmadeitanextremelypopularinterfacetypeformanyapplications.
De vi ce
Sl av e
De vi ce
Ma st er
De vi ce
Sl av e
VD D
SD A
SC L
I2C Mater Slave Bus Connection
• I2CInterfaceOperation
TheI2Cserialinterfaceisatwolineinterface,aserialdataline,SDA,andserialclockline,
SCL.Asmanydevicesmaybeconnectedtogetheronthesamebus,theiroutputsarebothopen
draintypes.Forthisreasonitisnecessarythatexternalpull-highresistorsareconnectedto
theseoutputs.Notethatnochipselectlineexists,aseachdeviceontheI2Cbusisidentifiedbya
uniqueaddresswhichwillbetransmittedandreceivedontheI2Cbus.
WhentwodevicescommunicatewitheachotheronthebidirectionalI2Cbus,oneisknownas
themasterdeviceandoneastheslavedevice.Bothmasterandslavecantransmitandreceive
data,however,itisthemasterdevicethathasoverallcontrolofthebus.Forthesedevices,which
onlyoperatesinslavemode,therearetwomethodsoftransferringdataontheI2Cbus,theslave
transmitmodeandtheslavereceivemode.
I 2 C Da ta R eg is te r
(S IM D)
Sl av e Ad dr e ss Re gi st er
(S IM A)
Sh i ft R egi st er
Di re ct i on Co nt ro l
M
U
X
A ddr e ss Ma tc h
HA AS B it
I 2 C In te rr up t
Da ta i n LS B
Da ta O ut M SB
Tr ans mi t/R ec ei ve
C ont ro l Un it
8- bi t D at a Co mp le te
De te c t S ta rt o r St op
Da ta B us
A ddr es s
Co mp ar at or
E nabl e/ Di s abl e A ck now le dge
R ead/ wr it e Sl av e
SR W Bi t
HB B Bi t
HT X Bi t
HC F Bi t
De b ounc e
Ci rc ui tr y
SC L Pi n
SD A Pi n
C onf i gur at io n
Op ti on s


Similar Part No. - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Similar Description - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com