Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R068B Datasheet(PDF) 14 Page - Holtek Semiconductor Inc

Part # HT46R068B
Description  Enhanced A/D 8-Bit OTP MCU
Download  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R068B Datasheet(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT46R068B_15 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R068B_15 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 135 page
background image
Rev. 1.50
14
�e���a�� 05� �015
Rev. 1.50
15
�e���a�� 05� �015
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
HT46R068B/HT46R069B
Enhanced A/D 8-Bit OTP MCU
A.C. Characteristics
Ta=�5°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
fSYS
S�stem Clock
�.�V~5.5V
3�
4000
kHz
3.0V~5.5V
3�
8000
kHz
4.5V~5.5V
3�
1�000
kHz
fHIRC
S�stem Clock (HIRC)
3V/5V
Ta=�5°C
-�%
4
+�%
MHz
3V/5V
Ta=�5°C
-�%
8
+�%
MHz
5V
Ta=�5°C
-�%
1�
+�%
MHz
3V/5V
Ta=0~70°C
-5%
4
+5%
MHz
3V/5V
Ta=0~70°C
-5%
8
+5%
MHz
5V
Ta=0~70°C
-5%
1�
+5%
MHz
�.�V~3.6V Ta=0~70°C
-8%
4
+8%
MHz
3.0V~5.5V Ta=0~70°C
-8%
4
+8%
MHz
3.0V~5.5V Ta=0~70°C
-8%
8
+8%
MHz
4.5V~5.5V Ta=0~70°C
-8%
1�
+8%
MHz
�.�V~3.6V Ta=-40°C~85°C
-1�%
4
+1�%
MHz
3.0V~5.5V Ta=-40°C~85°C
-1�%
4
+1�%
MHz
3.0V~5.5V Ta=-40°C~85°C
-1�%
8
+1�%
MHz
4.5V~5.5V Ta=-40°C~85°C
-1�%
1�
+1�%
MHz
fERC
S�stem Clock (ERC)
5V
Ta=�5°C� R=1�0kΩ*
-�%
4
+�%
MHz
5V
Ta=0~70°C� R=1�0kΩ*
-5%
4
+5%
MHz
5V
Ta=-40°C~85°C� R=1�0kΩ*
-7%
4
+7%
MHz
�.�V~5.5V Ta=-40°C~85°C� R=1�0kΩ*
-11%
4
+11%
MHz
fLXT
S�stem Clock (LXT)
3�768
Hz
tTIMER Time� Inp�t ��eq�enc�
(TCn)
�.�V~5.5V
0
4000
kHz
3.0V~5.5V
0
8000
kHz
4.5V~5.5V
0
1�000
kHz
fLIRC
LIRC Oscillato�
3V
5
10
15
kHz
5V
6.5
13
19.5
kHz
tRES
Exte�nal Reset Low P�lse
Width
1
μs
tSST
S�stem Sta�t-�p time Pe�iod
1�8
tSYS
tSYS
tSYS
tINT
Inte���pt ��lse Width
1
μs
tLVR
Low Voltage Width to Reset
0.�5
1
ms
RESTD Reset Dela� Time
100
ms
Note:1.tSYS=1/fSYS
2.*ForfREC,astheresistortolerancewillinfluencethefrequencyapercisionresistorisrecommended.
3.TomaintaintheaccuracyoftheinternalHIRCoscillatorfrequency,a0.1μFdecouplingcapacitorshould
beconnectedbetweenVDDandVSSandlocatedasclosetothedeviceaspossible.


Similar Part No. - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
More results

Similar Description - HT46R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R063B HOLTEK-HT46R063B Datasheet
550Kb / 96P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064 Datasheet
564Kb / 99P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064 HOLTEK-HT46R064_13 Datasheet
685Kb / 101P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B Datasheet
5Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R016 HOLTEK-HT46R016 Datasheet
5Mb / 91P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R068B HOLTEK-HT46R068B_12 Datasheet
4Mb / 134P
   Enhanced A/D Type 8-bit OTP MCU
HT46R064 HOLTEK-HT46R064_12 Datasheet
651Kb / 102P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R064B HOLTEK-HT46R064B_12 Datasheet
636Kb / 98P
   Enhanced A/D Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664_12 Datasheet
3Mb / 94P
   Enhanced A/DLCD Type 8-Bit OTP MCU
HT46R0664 HOLTEK-HT46R0664 Datasheet
3Mb / 92P
   Enhanced A/DLCD Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com