Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RB50 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT46RB50
Description  28-pin SOP/SKDIP竊?8-pin SSOP
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RB50 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT46RB50_14 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46RB50_14 Datasheet HTML 50Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
HT46RB50
Rev. 1.50
48
2014-07-28
28-pin SKDIP (300mil)外形尺寸
28
1
15
14
α
A
B
C
D
E
F
G
H
I
符号
尺寸 (单位:inch)
最小
典型
最大
A
1.380
1.420
B
0.280
0.310
C
0.060
0.130
D
0.125
0.200
E
0.015
0.022
F
0.045
0.065
G
0.100 BSC
H
0.300
0.325
I
0.400
符号
尺寸 (单位:mm)
最小
典型
最大
A
35.05
36.07
B
7.11
7.87
C
1.52
3.30
D
3.18
5.08
E
0.38
0.56
F
1.14
1.65
G
2.54 BSC
H
7.62
8.26
I
10.16


Similar Part No. - HT46RB50_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50_12 Datasheet
359Kb / 52P
   A/D Type USB 8-Bit MCU
More results

Similar Description - HT46RB50_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R62 HOLTEK-HT46R62_13 Datasheet
1Mb / 50P
   52-pin LQFP竊?6-pin SSOP
logo
List of Unclassifed Man...
PA28SS-P55 ETC2-PA28SS-P55 Datasheet
28Kb / 1P
   28 Pin SSOP socket/28 Pin DIP 0.6??plug
logo
Integrated Device Techn...
ICS525-0102 IDT-ICS525-0102 Datasheet
104Kb / 9P
   Packaged as 28-pin SSOP
logo
List of Unclassifed Man...
PA28SO28D-EO-300 ETC2-PA28SO28D-EO-300 Datasheet
81Kb / 2P
   28 PIN SOP SOCKET ADAPTER
logo
Everlight Electronics C...
ELD20X_21X EVERLIGHT-ELD20X_21X Datasheet
406Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
ELD20X EVERLIGHT-ELD20X Datasheet
328Kb / 11P
   8 PIN SOP PHOTOTRANSISTOR
EL20X EVERLIGHT-EL20X Datasheet
701Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR
logo
List of Unclassifed Man...
PA16SS-OT-3 ETC2-PA16SS-OT-3 Datasheet
46Kb / 1P
   16-28 pin SSOP socket/16-28 pin DIP plug (0.3??or 0.6??
logo
Everlight Electronics C...
EL20X EVERLIGHT-EL20X_14 Datasheet
734Kb / 12P
   8 PIN SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Holtek Semiconductor In...
HT46RB70 HOLTEK-HT46RB70_17 Datasheet
998Kb / 49P
   48-pin SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com