Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46RU66 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT46RU66
Description  HT46RU66_14
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46RU66 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT46RU66_14 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 44Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46RU66_14 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
HT46RU66/HT46CU66
Rev. 1.40
44
2014-06-06
·
波特率和误差的计算
系统选用 8M 晶振且 BRGH=0,若期望的波特率为 9600,计算它的 BRG 寄存器的值 N,
实际波特率和误差。
根据上表,波特率 BR =
)
1
(
64
+
N
f
SYS
转换后的公式
N =
1
64
*
BR
f
SYS
代入参数
N =
1
64
*
9600
8000000 − =12.0208
取最接近的值,十进制 12 写入 BRG 寄存器,实际波特率如下
BR =
9615
)
1
12
(
64
8000000 =
+
误差
%
16
.
0
9600
9600
9615
=
下面两表给出 BRGH 取不同值时的实际波特率和误差。
波特率
K/BPS
BRGH=0
f
SYS =8MHz
f
SYS =7.159MHz
f
SYS =4MHz
f
SYS =3.579545MHz
BRG
Kbaud
Error BRG
Kbaud
Error BRG Kbaud Error BRG Kbaud
Error
0.3
-
-
-
-
-
-
207
0.300
0.00
185
0.300
0.00
1.2
103
1.202
0.16
92
1.203
0.23
51
1.202
0.16
46
1.19
-0.83
2.4
51
2.404
0.16
46
2.38
-0.83
25
2.404
0.16
22
2.432
1.32
4.8
25
4.807
0.16
22
4.863
1.32
12
4.808
0.16
11
4.661
-2.9
9.6
12
9.615
0.16
11
9.322
-2.9
6
8.929
-6.99
5
9.321
-2.9
19.2
6
17.857
-6.99
5
18.64
-2.9
2
20.83
8.51
2
18.643
-2.9
38.4
2
41.667
8.51
2
37.29
-2.9
1
-
-
1
-
-
57.6
1
62.5
8.51
1
55.93
-2.9
0
62.5
8.51
0
55.93
-2.9
115.2
0
125
8.51
0
111.86
-2.9
-
-
-
-
-
-
BRGH=0 时的波特率和误差
波特率
K/BPS
BRGH=1
f
SYS =8MHz
f
SYS =7.159MHz
f
SYS =4MHz
f
SYS =3.579545MHz
BRG Kbaud
Error
BRG
Kbaud
Error BRG Kbaud Error BRG Kbaud
Error
0.3
-
-
-
-
-
-
-
-
-
-
-
-
1.2
-
-
-
-
-
-
207
1.202
0.16
185
1.203
0.23
2.4
207
2.404
0.16
185
2.405
0.23
103
2.404
0.16
92
2.406
0.23
4.8
103
4.808
0.16
92
4.811
0.23
51
4.808
0.16
46
4.76
-0.83
9.6
51
9.615
0.16
46
9.520
-0.832
25
9.615
0.16
22
9.727
1.32
19.2
25
19.231
0.16
22
19.454
1.32
12
19.231
0.16
11
18.643
-2.9
38.4
12
38.462
0.16
11
37.287
-2.9
6
35.714
-6.99
5
37.286
-2.9
57.6
8
55.556
-3.55
7
55.93
-2.9
3
62.5
8.51
3
55.930
-2.9
115.2
3
125
8.51
3
111.86
-2.9
1
125
8.51
1
111.86
-2.9
250
1
250
0
-
-
-
0
250
0
-
-
-
BRGH=1 时的波特率和误差


Similar Part No. - HT46RU66_14

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RU66 HOLTEK-HT46RU66_11 Datasheet
436Kb / 63P
   A/D Type 8-Bit MCU with LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com