Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R002 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT48R002
Description  Cost-Effective I/O 8-Bit OTP MCU
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R002 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT48R002 Datasheet HTML 13Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 14Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 15Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 16Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 17Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 18Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R002 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 71 page
background image
Rev. 1.11
16
April 11, 2017
Rev. 1.11
17
April 11, 2017
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
HT48R002/HT48R003
Cost-Effective I/O 8-Bit OTP MCU
Special Purpose Data Memory
This area of Data Memory is where registers, necessary for the correct operation of the
microcontroller,arestored.Mostoftheregistersarebothreadableandwriteablebutsomeare
protectedandarereadableonly,thedetailsofwhicharelocatedundertherelevantSpecialFunction
Registersection.Notethatforlocationsthatareunused,anyreadinstructiontotheseaddresseswill
returnthevalue“00H”.
00 H
01 H
02 H
03 H
04 H
05 H
06 H
07 H
08 H
09 H
0A H
0B H
0C H
0D H
0E H
0F H
10 H
11 H
12 H
13 H
14 H
15 H
16 H
17 H
18 H
19 H
1A H
1B H
1C H
1D H
1E H
1F H
20 H
21 H
22 H
23 H
24 H
25 H
3F H
: Un us ed , re ad a s "0 0"
IA R0
M P0
IA R1
M P1
AC C
PC L
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
PA
PAC
PAP U
PAW U
CT RL 1
WD TC
IA R0
M P0
IA R1
M P1
AC C
PC L
TB LP
TB LH
WD TS
ST AT US
IN TC 0
TM R0
TM R0 C
PA
PAC
PAPU
PA WU
PC
PC C
PC PU
CT RL 0
CT RL 1
WD TC
06 "&4 
06 "&4 !
EXT RE SB
EX TR ES B
Special Purpose Data Memory


Similar Part No. - HT48R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R005 HOLTEK-HT48R005 Datasheet
383Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
More results

Similar Description - HT48R002

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R0AA-1 HOLTEK-HT48R0AA-1 Datasheet
262Kb / 40P
   Cost-Effective I/O Type 8-Bit OTP MCU
HT48R062 HOLTEK-HT48R062_08 Datasheet
230Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT48R05A-1 HOLTEK-HT48R05A-1_08 Datasheet
287Kb / 39P
   Cost-Effective I/O Type 8-Bit MCU
HT48C05 HOLTEK-HT48C05 Datasheet
264Kb / 38P
   Cost-Effective I/O Type 8-Bit MCU
HT48R07A-1 HOLTEK-HT48R07A-1 Datasheet
298Kb / 37P
   Cost-Effective I/O Type 8-Bit MCU
HT48R062 HOLTEK-HT48R062 Datasheet
220Kb / 31P
   Cost-Effective I/O Type 8-Bit MCU
HT46R002 HOLTEK-HT46R002 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R004 HOLTEK-HT46R004 Datasheet
5Mb / 84P
   Cost-Effective A/D 8-Bit OTP MCU
HT46R003B HOLTEK-HT46R003B Datasheet
5Mb / 76P
   Cost-Effective A/D 8-bit OTP MCU
HT46R0042 HOLTEK-HT46R0042 Datasheet
5Mb / 83P
   Cost-Effective A/D 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com