Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R068B Datasheet(PDF) 95 Page - Holtek Semiconductor Inc

Part # HT48R068B
Description  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Datasheet(HTML) 95 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 91Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 92Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 93Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 94Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 95Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 96Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 97Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 98Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 99Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 118 page
background image
Rev. 1.30
94
�e���a�� 0�� �01�
Rev. 1.30
9�
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
CTRL2 Register
Bit
7
6
5
4
3
2
1
0
Name
DACEN
PWMC3 PWMC�
LXTEN
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
1
Bit7
DACEN:DACdisable/enablecontrol
0:disable
1:enable
Bit6
unimplemented,readas"0"
Bit5
PWMC3:IOorPWM3control
Describedelsewhere
Bit4
PWMC2:IOorPWM2control
Describedelsewhere
Bit3~1
unimplemented,readas"0"
Bit0
LXTEN:LXTOscillatoron/offcontrolafterexecutionofHALTinstruction
Describedelsewhere
VOL Register
Bit
7
6
5
4
3
2
1
0
Name
VOL�
VOL1
VOL0
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bits7~5
VOL2~VOL0AudioVolumeControl
Bits4~0
Unimplemented–readas“0”


Similar Part No. - HT48R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

Similar Description - HT48R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com