Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R068B Datasheet(PDF) 43 Page - Holtek Semiconductor Inc

Part # HT48R068B
Description  Enhanced I/O 8-Bit OTP MCU
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R068B Datasheet(HTML) 43 Page - Holtek Semiconductor Inc

Back Button HT48R068B_15 Datasheet HTML 39Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 40Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 41Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 42Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 43Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 44Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 45Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 46Page - Holtek Semiconductor Inc HT48R068B_15 Datasheet HTML 47Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 118 page
background image
Rev. 1.30
4�
�e���a�� 0�� �01�
Rev. 1.30
43
�e���a�� 0�� �01�
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
HT48R068B/HT48R069B
Enhanced I/O 8-Bit OTP MCU
Reset Initial Conditions
Thedifferenttypesofresetdescribedaffecttheresetflagsindifferentways.Theseflags,known
asPDFandTOarelocatedinthestatusregisterandarecontrolledbyvariousmicrocontroller
operations,suchastheIdle/SleepfunctionorWatchdogTimer.Theresetflagsareshowninthe
table:
TO
PDF
RESET Conditions
0
0
Powe�-on �eset
RES o� LVR �eset d��ing No�mal o� Slow Mode ope�ation
1
WDT time-o�t �eset d��ing No�mal o� Slow Mode ope�ation
1
1
WDT time-o�t �eset d��ing Idle o� Sleep Mode ope�ation
Note:"u"standsforunchanged
Thefollowingtableindicatesthewayinwhichthevariouscomponentsofthemicrocontrollerare
affectedafterapower-onresetoccurs.
Item
Condition After RESET
P�og�am Co�nte�
Reset to ze�o
Inte���pts
All inte���pts will �e disa�led
WDT
Clea� afte� �eset� WDT �egins co�nting
Time�/Event Co�nte�
Time� Co�nte� will �e t��ned off
P�escale�
The Time� Co�nte� P�escale� will �e clea�ed
Inp�t/O�tp�t Po�ts
I/O po�ts will �e set�p as inp�ts
Stack Pointe�
Stack Pointe� will point to the top of the stack
Thedifferentkindsofresetsallaffecttheinternalregistersofthemicrocontrollerindifferentways.
Toensurereliablecontinuationofnormalprogramexecutionafteraresetoccurs,itisimportantto
knowwhatconditionthemicrocontrollerisinafteraparticularresetoccurs.Thefollowingtable
describeshoweachtypeofresetaffectseachofthemicrocontrollerinternalregisters.
Register
Power-on
Reset
RES or LVR
Reset
(Normal
Operation)
RES or LVR
Reset
(Idle/Sleep)
WDT Time-out
(Normal
Operation)
WDT Time-out
(Idle/Sleep)
PCL
● ● 0000 0000 0000 0000 0000 0000 0000 0000 0000 0000
MP0
● ● x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x ���� ����
MP1
● ● x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x ���� ����
BP
––0– ––00 ––0– ––00 ––0– ––00 ––0– ––00 ––�– ––��
BP
● –00– –000 –00– –000 –00– –000 –00– –000 –��– –���
ACC
● ● x x x x x x x x ���� ���� ���� ���� ���� ���� ���� ����
TBLP
● ● x x x x x x x x ���� ���� ���� ���� ���� ���� ���� ����
TBLH
● ● x x x x x x x x ���� ���� ���� ���� ���� ���� ���� ����
WDTS
● ● –––– –111 –––– –111 –––– –111 –––– –111 –––– –���
STATUS ● ● – – 0 0 x x x x ––�� ���� ––01 ���� ––1� ���� ––11 ����
INTC0
● ● –000 0000 –000 0000 –000 0000 –000 0000 –��� ����
INTC1
–0–0 –0–0 –0–0 –0–0 –0–0 –0–0 –0–0 –0–0 –�–� –�–�
● ● –000 –000 –000 –000 –000 –000 –000 –000 –��� –���
M�IC
● ● –000 –000 –000 –000 –000 –000 –000 –000 –��� –���
TMR0
● ● x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x ���� ����
TMR0C ● ● 0000 1000 0000 1000 0000 1000 0000 1000 ���� ����
TMR1
● ● x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x ���� ����
TMR1C ● ● 0000 1––– 0000 1––– 0000 1––– 0000 1––– ���� �–––
TMR�L ● ● x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x ���� ����


Similar Part No. - HT48R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
More results

Similar Description - HT48R068B_15

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R063B HOLTEK-HT48R063B_12 Datasheet
563Kb / 86P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B_13 Datasheet
613Kb / 82P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063 Datasheet
539Kb / 93P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_12 Datasheet
621Kb / 96P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063B HOLTEK-HT48R063B Datasheet
483Kb / 84P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R063 HOLTEK-HT48R063_10 Datasheet
631Kb / 94P
   Enhanced I/O Type 8-Bit OTP MCU
HT48R068B HOLTEK-HT48R068B Datasheet
7Mb / 121P
   Enhanced I/O Type 8-bit OTP MCU
HT48R066G HOLTEK-HT48R066G Datasheet
510Kb / 88P
   Enhanced I/O Type 8-bit OTP MCU with OPA
HT48R502 HOLTEK-HT48R502 Datasheet
295Kb / 39P
   I/O Type 8-Bit OTP MCU
HT82M75R_1011 HOLTEK-HT82M75R_1011 Datasheet
475Kb / 66P
   I/O Type 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com