Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT56RU25 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT56RU25
Description  DAC?갏SO7816, UART, A/D
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56RU25 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT56RU25 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56RU25 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
Rev. 1.10
6
2014-05-19
Rev. 1.10
7
2014-05-19
HT56RU25
内置
DAC、ISO7816 及 UART 接口的
低功耗
A/D 型智能卡 OTP 单片机
查表运算
............................................................................................................................. 136
其它运算
............................................................................................................................. 136
指令集概要
..................................................................................................................137
惯例
..................................................................................................................................... 137
指令定义
......................................................................................................................140
封装信息
......................................................................................................................152
28-pin SSOP (150mil) 外形尺寸 ........................................................................................ 153
44-pin LQFP (10mm×10mm) (FP2.0mm) 外形尺寸........................................................ 154


Similar Part No. - HT56RU25

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R23 HOLTEK-HT56R23 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R23 HOLTEK-HT56R23 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results

Similar Description - HT56RU25

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT66F3197 HOLTEK-HT66F3197 Datasheet
7Mb / 210P
   Enhanced A/D MCU with EEPROM and UART
HT46RU26 HOLTEK-HT46RU26 Datasheet
688Kb / 86P
   A/D Type 8-Bit MCU with UART
HT66F319 HOLTEK-HT66F319 Datasheet
8Mb / 185P
   Enhanced A/D Flash MCU with EEPROM and UART
HT46RU24 HOLTEK-HT46RU24 Datasheet
475Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
HT46RU232 HOLTEK-HT46RU232 Datasheet
473Kb / 60P
   A/D Type 8-Bit OTP MCU with UART
logo
YAMAHA CORPORATION
YM3014 YAMAHA-YM3014 Datasheet
409Kb / 6P
   Serial Input Floating D/A Converter (DAC-SS)
logo
STMicroelectronics
AN1800 STMICROELECTRONICS-AN1800 Datasheet
76Kb / 7P
   STR71x BSPI USED AS A UART
logo
Holtek Semiconductor In...
HT56R22 HOLTEK-HT56R22 Datasheet
739Kb / 131P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_14 Datasheet
718Kb / 127P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
HT56R22 HOLTEK-HT56R22_12 Datasheet
824Kb / 134P
   TinyPowerTM A/D Type 8-Bit OTP MCU with DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com