Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82R732 Datasheet(PDF) 51 Page - Holtek Semiconductor Inc

Part # HT82R732
Description  e-Banking 8-Bit OTP MCU
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82R732 Datasheet(HTML) 51 Page - Holtek Semiconductor Inc

Back Button HT82R732 Datasheet HTML 47Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 48Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 49Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 50Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 51Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 52Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 53Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 54Page - Holtek Semiconductor Inc HT82R732 Datasheet HTML 55Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 74 page
background image
LCD Voltage Source and Biasing
The time and amplitude varying signals generated by the LCD Driver function require the generation
of several voltage levels for their operation. The number of voltage levels used by the signal depends
upon the value of the LCDB bit in the LCDC register.
The device provides C type biasing with a value of either 1/2or1/3. For C type biasing, an external
LCD voltage source can be supplied on LVB pin or LVA pin to generate the internal biasing voltages.
The C type biasing scheme uses an internal charge pump circuit, which in the case of the 1/3 bias
software control option can generate voltages higher than what is supplied on LVB pin. This feature is
useful in applications where the microcontroller supply voltage is less than the supply voltage required
by the LCD. An additional charge pump capacitor must also be connected between pins C1 and C2 to
generate the necessary voltage levels.
For the C type 1/2 bias selection, three voltage levels VSS, VA and VB are utilised. The voltage VA is
generated internally and has a value of LVB voltage. The internal VB biasing voltage will have a value
equal to LVB voltage x 0.5. For the C type 1/2 bias software control option VC is not used.
For the C type 1/3 bias selection, four voltage levels VSS, VA, VB and VC are utilised. There are two
LCD Power Supply input options, namely mode 1 and mode 2.
In mode 1, the LCD Power Supply is supplied on the LVB pin. The voltage VA is generated internally
and has a value of the LVB voltage x1.5, VB will have a value equal to the LVB voltage and VC will
have a value equal to the LVB voltage x 0.5. The LVA voltage must be greater than or equal to VDD.
In mode 2, the LCD Power Supply is supplied on the LVA pin. The voltage VA is generated internally
and has a value of the LVA voltage. The voltage VB will have a value equal to the LVA voltage x 2/3
and VC will have a value equal to LVA voltage x 1/3.
Note that the 28-pin package type only supports the LCD Power Supply mode 2 function.
The following diagrams illustrate the basic LCD Bias functional block diagrams.
HT82R732
e-Banking 8-Bit OTP MCU
Rev. 1.00
51
October 31, 2013
C t y p e 1 / 3 B i a s - M o d e 1
L V B
0 . 1 m F
0 . 1 m F
0 . 1 m F
L C D P o w e r S u p p l y
C h a r g e
P u m p
C 1
C 2
L V A
L V C
C t y p e 1 / 2 B i a s - M o d e 1
L V B
0 . 1 m F
0 . 1 m F
0 . 1 m F
L C D P o w e r S u p p l y
C h a r g e
P u m p
C 1
C 2
L V A
L V C
V B
( = L V B ´ 0 . 5 )
V A
( = L V B )
V C
( = L V B ´ 0 . 5 )
V A
( = L V B ´ 1 . 5 )
V B
( = L V B )
C t y p e 1 / 3 B i a s - M o d e 2
L V B
0 . 1 m F
0 . 1 m F
0 . 1 m F
L C D P o w e r S u p p l y
C h a r g e
P u m p
C 1
C 2
L V A
L V C
V C
( = L V A ´ 1 / 3 )
V A
( = L V A )
V B
( = L V A ´ 2 / 3 )
C Type Bias Voltage Levels


Similar Part No. - HT82R732

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT82-05087 BITECH-HT82-05087 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-05099 BITECH-HT82-05099 Datasheet
416Kb / 4P
   T1/CEPT/ISDN-Pri Telecom Products
HT82-99627 BITECH-HT82-99627 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99652 BITECH-HT82-99652 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
HT82-99653 BITECH-HT82-99653 Datasheet
85Kb / 4P
   VDSL Coupling Transformers
More results

Similar Description - HT82R732

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT45R4U HOLTEK-HT45R4U Datasheet
4Mb / 105P
   TinyPowerTM A/D Type e-Banking ASSP OTP MCU with LCD
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
HT82M75REW HOLTEK-HT82M75REW Datasheet
952Kb / 103P
   2.4GHz Transceiver 8-Bit OTP MCU
HT48RA3 HOLTEK-HT48RA3 Datasheet
245Kb / 36P
   8-Bit Remote Type OTP MCU
HT48R005 HOLTEK-HT48R005_12 Datasheet
394Kb / 62P
   Small Package 8-Bit OTP MCU
HT46R01B-1 HOLTEK-HT46R01B-1 Datasheet
437Kb / 71P
   Small Package 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M_10 Datasheet
465Kb / 69P
   1.5V Battery 8-Bit OTP MCU
HT46R01M HOLTEK-HT46R01M Datasheet
443Kb / 69P
   1.5V Battery 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com