Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT98R068-1 Datasheet(PDF) 48 Page - Holtek Semiconductor Inc

Part # HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 48 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 44Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 45Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 46Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 47Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 48Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 49Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 50Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 51Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 52Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 116 page
background image
Rev. 1.10
48
�e���a�� 1�� �01�
Rev. 1.10
49
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
preload data register during this period will remain in the preload register and will only be written
into the actual counter the next time an overflow occurs.
MU X
f TP
f SYS
f LX T
Ti me r Pr es ca le r
0
1
T0 S
T0 PS C [2 :0 ]
7 St age Co un te r
Ti me - Ba se C on tr ol
Ti me - Ba se e ve nt i nt er ru pt P er i od
TP
f
1
13
10
*
(2 ~ 2 )
To T im er 0 i nt er na l cl oc k
(f T0 CK = f TP ~ f TP /1 28 )
8- 1 MU X
7
Clock Structure for Timer/Time Base
T0 ON
Pr el oad R eg is te r
Up C oun te r
Da ta B us
PF D0
2
¸
TC 0
T0 EG
M ode C on tr ol
Ti me r 0 In te r nal C lo c k
(f T0 CK )
Ov er fl ow
to In te rr up t
T0 M1 , T0 M0
T0 OV
8-bit Timer/Event Counter 0 Structure
f SY S /4
LX T Os ci ll at or
M
U
X
T1 S
T1 ON
Pr el oad R eg is te r
Up C oun te r
D at a Bu s
PF D 1
2
¸
TC 1
T1 EG
M ode C on tr ol
Ov er fl ow
to In te rr up t
T1 M1 , T 1M 0
T1 OV
8-bit Timer/Event Counter 1 Structure
T2 ON
Pr el oad R eg is te r
Up C oun te r
Da ta B us
Ov er fl ow
to In te rr up t
TC 2
T2 EG
M ode C on tr ol
Ti m er 2 I nt er nal C lo ck
(f T2 CK )
T2 M1 , T2 M0
T2 OV
8-bit Timer/Event Counter 2 Structure
MU X
PF D0
PF D1
PF D Ou tp ut
0
1
PF DCS


Similar Part No. - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com