Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT98R068-1 Datasheet(PDF) 88 Page - Holtek Semiconductor Inc

Part # HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 88 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 84Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 85Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 86Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 87Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 88Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 89Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 90Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 91Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 92Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 116 page
background image
Rev. 1.10
88
�e���a�� 1�� �01�
Rev. 1.10
89
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
Event2 Control - 31h Address
Bit
7
6
5
4
3
2
1
0
Name
EN_CTC_Rx_
Anti-tone
EN_CTC_Tx_
Anti-tone
Bit7~2
Unimplemented, ignore this value
Bit1
EN_CTC_Rx_Anti-tone: CTCSS Rx anti-tone on/off control
0: Disable CTCSS detect anti-tone in Rx mode.
1: Enable CTCSS detect anti-tone in Rx mode
Bit 0
EN_CTC_Tx_Anti-tone: CTCSS Tx anti-tone on/off control
When CTCSS is in the Tx mode, the EN_CTC_Anti bit can to enable CTCSS anti-tone signal. If
this control bit 0→1 or 1→0 both have anti-tone effect (phase reversal 180˚).
Audio Processor Control - 51h Address
Bit
7
6
5
4
3
2
1
0
Name
�’�1
EN_AUD0
�’�1
0
EN_AUD1
0
Bit7~6, 4~3 2’b1: Reserved bit, must be all set high.
Bit5, 1
EN_AUD0/1: Audio processor turn on/off selection
If the system is to be placed into the standby status to save power, this two bit should be set high.
The EN_AUP0 and EN_AUP1 bit stops the control audio processor operation.
10: Enable Audio processor
01: Disable Audio processor
Bit2, 0
0: Zero, must be cleared to zero.
CLI Command Group Summary
The CLI Commands are summarised in the following table.
Address / Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
01�a
Comp�esso� Th�eshold
01��
Expande� Th�eshold
01�c ~ 01��
Rese�ved
01�4
0
AGC Step
01�5~01�9
Rese�ved
01�a
Sc�am�le� Inv. ��eq. – pa�amete�1
01��
Sc�am�le� Inv. ��eq. – pa�amete��
01�c ~ 01c�
Rese�ved
01c4
DTM� Powe� Th�eshold
01c5~01dc
Rese�ved
01dd
Off tone Accepted Voltage Registe�
01de
Off tone Released Voltage Registe�
01df~01e1
Rese�ved
01e�
DCS Accepted Voltage Registe�
01e�~0���
Rese�ved
0��4
Selective Call/User-Defined Tone Accepted Voltage Register
0��5
Selective Call/User-Defined Tone Released Voltage Register
0��6~04c9
Rese�ved
04ca
CTCSS Powe� Released Th�eshold
04c�
VR1
VR�


Similar Part No. - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com