Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT98R068-1 Datasheet(PDF) 26 Page - Holtek Semiconductor Inc

Part # HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 22Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 23Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 24Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 25Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 26Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 27Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 28Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 29Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 116 page
background image
Rev. 1.10
�6
�e���a�� 1�� �01�
Rev. 1.10
�7
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
BP Register
Bit
7
6
5
4
3
2
1
0
Name
PMBP0
DMBP�
DMBP1
DMBP0
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
Bit 7 ~ 6
Unimplemented, read as “0”
Bit 5
PMBP0: Program Memory Bank Pointer
0: Bank 0
1: Bank 1
Bit 4 ~ 3
Unimplemented, read as “0”
Bit 2 ~ 0
DMBP2 ~ DMBP0: Data Memory Bank Pointer
000: Bank 0
001: Bank 1
010: Bank 2
011: Bank 3
100: Bank 4
101: Bank 5
110~111: Undefined
Status Register – STATUS
This 8-bit register contains the zero flag( Z), carry flag ( C), auxiliary carry flag( AC), overflow flag(
OV), power down flag( PDF), and watchdog time-out flag( TO). These arithmetic/logical operation
and system management flags are used to record the status and operation of the microcontroller.
With the exception of the TO and PDF flags, bits in the status register can be altered by instructions
like any other register. Any data written into the status register will not change the TO and PDF
flags. In addition operations related to the status register may give different results from those
intended. The TO flag can be affected only by system power-up, a WDT time-out or executing the
“HALT” or “CLR WDT” instruction. The PDF flag can be affected only by executing the “HLAT”
or “CLR WDT” instruction or a system power-up.
The Z, OV, C, AC flags generally reflect the statuses of the latest operations.
In addition, on entering the interrupt sequence or executing the subroutine call, the status register
will not be pushed onto stack automatically. If the contents of status are important and the subroutine
can corrupt the status register, the programmer has to take precautions to save it properly.


Similar Part No. - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com