Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT98R068-1 Datasheet(PDF) 34 Page - Holtek Semiconductor Inc

Part # HT98R068-1
Description  Two Way Radio 8-Bit MCU
Download  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT98R068-1 Datasheet(HTML) 34 Page - Holtek Semiconductor Inc

Back Button HT98R068-1_13 Datasheet HTML 30Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 31Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 32Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 33Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 34Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 35Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 36Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 37Page - Holtek Semiconductor Inc HT98R068-1_13 Datasheet HTML 38Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 116 page
background image
Rev. 1.10
�4
�e���a�� 1�� �01�
Rev. 1.10
�5
�e���a�� 1�� �01�
HT98R068-1
Two Way Radio 8-Bit MCU
HT98R068-1
Two Way Radio 8-Bit MCU
The Audio Processor operating mode switch timing as Following figure.
Mode Switching
The device is switched between one mode and another using a combination of the CLKMOD bit
in the CTRL0 register and the HALT instruction. The CLKMOD bit chooses whether the system
runs in either the Normal or Slow Mode by selecting the system clock to be sourced from LXT
crystal oscillator or PLL. The HALT instruction forces the system into either the Idle or Sleep
Mode, depending upon whether the LXT oscillator is running or not. The HALT instruction operates
independently of the CLKMOD bit condition.
When a HALT instruction is executed and the LXT oscillator is not running, the system enters the
Sleep mode the following conditions exist:
● The system oscillator will stop running and the application program will stop at the “HALT”
instruction
● The Data Memory contents and registers will maintain their present condition
● The WDT will be cleared and resume counting if the WDT clock source is selected to come from
the WDT or LXT oscillator. The WDT will stop if its clock source originates from the system
clock
● The I/O ports will maintain their present condition
● In the status register, the Power Down flag, PDF, will be set and the Watchdog time-out flag, TO,
will be cleared


Similar Part No. - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
More results

Similar Description - HT98R068-1_13

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT98R068-1 HOLTEK-HT98R068-1 Datasheet
3Mb / 116P
   Two Way Radio 8-Bit MCU
HT98F069 HOLTEK-HT98F069 Datasheet
7Mb / 136P
   Two Way Radio Flash MCU
logo
Microsemi Corporation
UM9401 MICROSEMI-UM9401_05 Datasheet
424Kb / 11P
   COMMERCIAL TWO-WAY RADIO
logo
Laird Tech Smart Techno...
EXL LSTD-EXL Datasheet
199Kb / 1P
   Two-Way Radio Antenna
EXH LSTD-EXH Datasheet
292Kb / 1P
   Two-Way Radio Antenna
EXP LSTD-EXP Datasheet
191Kb / 1P
   Two-Way Radio Antenna
WTS-2450 LSTD-WTS-2450 Datasheet
975Kb / 1P
   External Two-Way Radio Antenna
logo
Beken Corporation
BK4819 BEKEN-BK4819 Datasheet
2Mb / 22P
   Analog Two Way Radio IC
Rev.1.0
logo
Asahi Kasei Microsystem...
AK2346B AKM-AK2346B Datasheet
307Kb / 31P
   Two-way Radio Audio Processor
AK2346A AKM-AK2346A Datasheet
389Kb / 37P
   Two-way Radio Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com