Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1045.10A-45V.TO-277 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # SL1045.10A-45V.TO-277
Description  10.0A Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SL1045.10A-45V.TO-277 Datasheet(HTML) 2 Page - Nanjing International Group Co

  SL1045.10A-45V.TO-277 Datasheet HTML 1Page - Nanjing International Group Co SL1045.10A-45V.TO-277 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ìß
Ìß
ò
ÍÔïðìë
ÍÔïðëð
ÍÔïðêð
ÍÔïðèðóÍÔïðïðð
Ìß
ÔÛßÜ ÌÛÓÐÛÎßÌËÎÛ ô Ì ø Ý÷
Ô
Ú×Ùòë ÓÑËÒÌ×ÒÙ ÐßÜ ÔßÇÑËÌ
ðòïíï
øíòíë÷
ðòðìí
øïòïð÷
ðòðéî
øïòèì÷
ÍÔïðìë ÌØÎË ÍÔïðïðð


Similar Part No. - SL1045.10A-45V.TO-277

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SL1045 FORMOSA-SL1045 Datasheet
378Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
SL1045 FORMOSA-SL1045 Datasheet
830Kb / 3P
   10.0A SUPER BARRIER RECTIFIER
logo
Microdiode Electronics ...
SL1045 CHENDA-SL1045 Datasheet
3Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
DIYI Electronic Technol...
SL1045 DYELEC-SL1045 Datasheet
2Mb / 2P
   10 0A Surface Mount Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
SL1045 ZSELEC-SL1045 Datasheet
271Kb / 3P
   10A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SL1045.10A-45V.TO-277

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SB1045L-10A-TO-277 DGNJDZ-SB1045L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SB1050L-10A-TO-277 DGNJDZ-SB1050L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SB10100L-10A-TO-277 DGNJDZ-SB10100L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SR1045L-10A-TO-277 DGNJDZ-SR1045L-10A-TO-277 Datasheet
209Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SL1050.10A-TO-277 DGNJDZ-SL1050.10A-TO-277 Datasheet
356Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SR10100L-10A-TO-277 DGNJDZ-SR10100L-10A-TO-277 Datasheet
209Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SR10T100L SY-SR10T100L Datasheet
2Mb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
logo
Nanjing International G...
SR1050L-10A-TO-277 DGNJDZ-SR1050L-10A-TO-277 Datasheet
209Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SL10100.10A-TO-277 DGNJDZ-SL10100.10A-TO-277 Datasheet
356Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
SB1060L-10A-TO-277 DGNJDZ-SB1060L-10A-TO-277 Datasheet
205Kb / 2P
   10.0A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com