Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2792 Datasheet(PDF) 2 Page - Rohm

Part # 2SK2792
Description  Switching (600V, 4A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK2792 Datasheet(HTML) 2 Page - Rohm

  2SK2792 Datasheet HTML 1Page - Rohm 2SK2792 Datasheet HTML 2Page - Rohm 2SK2792 Datasheet HTML 3Page - Rohm 2SK2792 Datasheet HTML 4Page - Rohm 2SK2792 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
159
Transistors
2SK2792
FElectrical characteristics (Ta = 25_C)
FElectrical characteristic curves


Similar Part No. - 2SK2792

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK2791 SANYO-2SK2791 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
logo
Rohm
2SK2793 ROHM-2SK2793 Datasheet
141Kb / 4P
   Switching (500V, 5A)
logo
Hitachi Semiconductor
2SK2795 HITACHI-2SK2795 Datasheet
40Kb / 6P
   Silicon N Channel MOS FET UHF Power Amplifier
2SK2796 HITACHI-2SK2796 Datasheet
54Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2796 RENESAS-2SK2796 Datasheet
95Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2792

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D4F60-5063 SHINDENGEN-D4F60-5063 Datasheet
395Kb / 3P
   600V 4A
logo
Hi-Sincerity Mocroelect...
HST04 HSMC-HST04 Datasheet
130Kb / 4P
   TRIAC 600V,4A
logo
SemiHow Co.,Ltd.
HTM4-600 SEMIHOW-HTM4-600 Datasheet
338Kb / 6P
   600V 4A TRIAC
HTD4-600 SEMIHOW-HTD4-600 Datasheet
211Kb / 6P
   600V 4A TRIAC
HTX4-600 SEMIHOW-HTX4-600 Datasheet
266Kb / 6P
   600V 4A TRIAC
HTC4-600 SEMIHOW-HTC4-600 Datasheet
338Kb / 6P
   600V 4A TRIAC
HTU4-600 SEMIHOW-HTU4-600 Datasheet
322Kb / 5P
   600V 4A TRIAC
logo
Intersil Corporation
RURD460 INTERSIL-RURD460 Datasheet
28Kb / 3P
   4A, 600V Ultrafast Diodes
logo
Fairchild Semiconductor
ISL9R460P2 FAIRCHILD-ISL9R460P2 Datasheet
142Kb / 6P
   4A, 600V Stealth??Diode
RURD460 FAIRCHILD-RURD460 Datasheet
371Kb / 5P
   4A, 600V Ultrafast Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com