Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTH10-SOT23 Datasheet(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # MMBTH10-SOT23
Description  NPN Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

MMBTH10-SOT23 Datasheet(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  MMBTH10-SOT23 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBTH10-SOT23 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBTH10-SOT23 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD MMBTH10-SOT23 Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Characterisitics
1
1
0
10
100
1000
0
2
4
6
8
10
12
h
FE
——
COMMON EMITTER
V
CE=10V
50
I
C
T
a=25
T
a=100
COLLECTOR CURRENT I
C
(mA)
0
2
4
6
8
10
Static Characteristic
50uA
45uA
40uA
35uA
30uA
25uA
20uA
15uA
10uA
I
B=5uA
COMMON
EMITTER
T
a=25
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
0.1
1
10
0.01
0.1
1
0.1
1
10
0.4
0.6
0.8
1.0
50
β=10
T
a=100
T
a=25
I
C
V
CEsat
——
COLLECTOR CURRENT I
C
(mA)
50
β=10
I
C
V
BEsat
——
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
0.1
1
10
0.1
1
10
0.2
0.4
0.6
0.8
1.0
0.1
1
10
f=1MHz
I
E=0/IC=0
T
a=25
20
V
CB/ VEB
C
ob/ Cib
——
C
ob
C
ib
REVERSE VOLTAGE V (V)
COMMON EMITTER
V
CE=10V
50
T
a=100
T
a=25
BASE-EMMITER VOLTAGE V
BE (V)
3
0.3
I
C
——
V
BE
MMBTH10
www.yfwdiode.com


Similar Part No. - MMBTH10-SOT23

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBTH10-4L ONSEMI-MMBTH10-4L Datasheet
97Kb / 5P
   VHF/UHF Transistor
October, 2016 ??Rev. 6
MMBTH10-4LT1 ONSEMI-MMBTH10-4LT1 Datasheet
88Kb / 6P
   VHF/UHF Transistor
December, 2003 ??Rev. 2
MMBTH10-4LT1 ONSEMI-MMBTH10-4LT1 Datasheet
52Kb / 6P
   VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
MMBTH10-4LT1G ONSEMI-MMBTH10-4LT1G Datasheet
128Kb / 5P
   VHF/UHF Transistor
August, 2009 ??Rev. 3
MMBTH10-4LT1G ONSEMI-MMBTH10-4LT1G Datasheet
97Kb / 5P
   VHF/UHF Transistor
October, 2016 ??Rev. 6
More results

Similar Description - MMBTH10-SOT23

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com