Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM186 Datasheet(PDF) 4 Page - ELM Technology Corporation

Part # ELM186
Description  120mA laser diode driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM186 Datasheet(HTML) 4 Page - ELM Technology Corporation

  ELM186 Datasheet HTML 1Page - ELM Technology Corporation ELM186 Datasheet HTML 2Page - ELM Technology Corporation ELM186 Datasheet HTML 3Page - ELM Technology Corporation ELM186 Datasheet HTML 4Page - ELM Technology Corporation ELM186 Datasheet HTML 5Page - ELM Technology Corporation ELM186 Datasheet HTML 6Page - ELM Technology Corporation ELM186 Datasheet HTML 7Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
http://www.elm-tech.com
Rev.1.0
7 -
5
2
1
LD
MD
4
3
R1
power
adjust
D1
D2
0.1~10�F
C1
Fig.1
5
2
1
AMD
GND
IREF
VCC
ALD
0.1~10�F
LD
MD
4
3
R1
power
adjust
D1
D2
C1
R4
voltage shift for MD
Fig.2
■Appliation circuits
LDMs are used in many LD applications. A LDM contain a laser diode and a monitor diode in one package.
These two diodes are optically connected inside the package. The monitor diode is a PN diode generates photo
current to measure photo power from the LD.
ELM186CxA can drive 4 kinds of laser diode modules(LDMs) having different polarity pins.
Each ELM186CxA can drive only corresponding polarity of laser diodes(LD) and monitor diodes(MD). Table1
shows ELM186CxA and laser diode modules (LDM) combinations.
ELM186CxA 120mA laser diode driver
LD anode driving applications
ELM186C1A and C2A are used when LD anode is driven. ALD is NPN emitter follower output. LD anode
driving application only requires a resister for output power definition. Only a noise absorbing capacitor at VCC
is recommended.
Operation voltage is 5V or higher because it is necessary to have the sum of IC operation voltage and to LD
forward voltage. LD anode drive has advantages on heat dissipation and fewer RC parts. The cases of LD mod-
ules can be directly grounded in Fig.1 for good heat dissipation.
ELM186C2A needs to have a compensation capacitor and a resistor at KMD pin for stable operation in Fig.3
and Fig4.
LD anode driving application circuits Fig.1, Fig.2, Fig.3, Fig.4.
No.
Laser diode module pins
Parts number of ELM186CxA
1
: LD anode, common, MD anode
ELM186C1A(Fig.2) or ELM186C3A(Fig.6)
2
: LD anode, common, MD cathode
ELM186C2A(Fig.4) or ELM186C4A(Fig.8)
3
: LD cathode, common, MD anode
ELM186C1A(Fig.1) or ELM186C3A(Fig.5)
4
: LD cathode, common, MD cathode ELM186C2A(Fig.3) or ELM186C4A(Fig.7)
5
: Other LDM without a common pin
All ELM186CxA
Table 1 :
LD
MD
LD
MD
LD
MD
LD
MD
LD
MD


Similar Part No. - ELM186

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM18403BA-S ELM-TECH-ELM18403BA-S Datasheet
92Kb / 4P
   Single P-channel MOSFET
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
ELM185BB ELM-TECH-ELM185BB Datasheet
140Kb / 10P
   Lase Diode Driver
More results

Similar Description - ELM186

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
logo
List of Unclassifed Man...
HY6410 ETC1-HY6410 Datasheet
199Kb / 2P
   Laser Diode Driver
logo
Sony Corporation
CXB1818Q SONY-CXB1818Q Datasheet
225Kb / 17P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com