Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM605DA Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM605DA
Description  synchronous step-down DC/DC converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM605DA Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM605DA_17 Datasheet HTML 4Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 5Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 6Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 7Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 8Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 9Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 10Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 11Page - ELM Technology Corporation ELM605DA_17 Datasheet HTML 12Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Rev.1.2
ELM605DA 2A synchronous step-down DC/DC converter
• Vin=3.3V, Vout=1.0V
0.1
1
10
100
1000 10000
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
Iout (mA)
Efficiency-Iout
Vin=3.3V, Vout=1.0V
0.1
1
10
100
1000 10000
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
Vout-Iout
Vin=3.3V, Vout=1.0V
Iout (mA)
1
2
3
4
5
6
7
0.7
0.8
0.9
1
1.1
1.2
Vout-Vin
Vout=1.0V
Vin (V)
Iout=1A
Iout=10mA
Iout=100mA
■Typical characteristics
• Vin=3.3V, Vout=1.0V, R1=6K, R2=24K, Top=25°C
13 -


Similar Part No. - ELM605DA_17

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
More results

Similar Description - ELM605DA_17

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16961 MAXIM-MAX16961 Datasheet
650Kb / 12P
   Synchronous Step-Down DC-DC Converter
Rev 3; 5/14
MAX17543 MAXIM-MAX17543 Datasheet
2Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
LM2650 TI-LM2650_15 Datasheet
938Kb / 19P
[Old version datasheet]   Synchronous Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17544 MAXIM-MAX17544 Datasheet
885Kb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
MAX17552 MAXIM-MAX17552 Datasheet
1Mb / 20P
   Synchronous Step-Down DC-DC Converter
Rev 1; 6/14
MAX17550 MAXIM-MAX17550 Datasheet
1Mb / 19P
   Synchronous Step-Down DC-DC Converter
Rev 0; 9/14
logo
Texas Instruments
TPS54335A TI1-TPS54335A_16 Datasheet
1Mb / 47P
[Old version datasheet]   Synchronous Step-Down DC-DC Converter
logo
Diodes Incorporated
AP3417C DIODES-AP3417C Datasheet
600Kb / 12P
   SYNCHRONOUS STEP-DOWN DC-DC CONVERTER
logo
ELM Technology Corporat...
ELM605DA ELM-TECH-ELM605DA Datasheet
827Kb / 13P
   synchronous step-down DC/DC converter
ELM613DA ELM-TECH-ELM613DA Datasheet
1Mb / 11P
   synchronous step-down DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com