Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM614BA Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM614BA
Description  2A, 18V, 500kHz, synchronous step down DC/DC converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM614BA Datasheet(HTML) 8 Page - ELM Technology Corporation

  ELM614BA Datasheet HTML 1Page - ELM Technology Corporation ELM614BA Datasheet HTML 2Page - ELM Technology Corporation ELM614BA Datasheet HTML 3Page - ELM Technology Corporation ELM614BA Datasheet HTML 4Page - ELM Technology Corporation ELM614BA Datasheet HTML 5Page - ELM Technology Corporation ELM614BA Datasheet HTML 6Page - ELM Technology Corporation ELM614BA Datasheet HTML 7Page - ELM Technology Corporation ELM614BA Datasheet HTML 8Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
8 -
http://www.elm-tech.com
Rev.1.2
■Typical characteristics
ELM614BA 2A, 18V, 500kHz, synchronous step down DC/DC converter
Start Up (12V=>3.3V, Load=2A)
Vin=12V, Vout=3.3V, L=4.7µH, C1=10µF, C2=10µF×2, Top=+25°C, unless otherwise noted.
Shut Down (12V=>3.3V, Load=2A)
Output Rippie (12V=>3.3V, Load=2A)
Output Rippie (12V=>3.3V, Load=1A)
Output Rippie (12V=>3.3V, Load=0A)
Dynamic Load (Iload=0.2A_2A, Vout=3.3V)
Short Circuit Protection
Efficiency


Similar Part No. - ELM614BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM610DA ELM-TECH-ELM610DA Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Electronics
ELM610DA ELM-ELM610DA Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
ELM Technology Corporat...
ELM610DA-N ELM-TECH-ELM610DA-N Datasheet
755Kb / 7P
   1.3A 36V PWM step down DC/DC converter
ELM610DA ELM-TECH-ELM610DA_17 Datasheet
1Mb / 7P
   1.3A 36V PWM step down DC/DC converter
logo
Everlight Electronics C...
ELM611 EVERLIGHT-ELM611 Datasheet
593Kb / 13P
   5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
More results

Similar Description - ELM614BA

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM615DA ELM-TECH-ELM615DA Datasheet
953Kb / 8P
   2A 18V 500kHz synchronous step down DC/DC converter
logo
AiT Semiconductor Inc.
A7222 AITSEMI-A7222 Datasheet
1Mb / 13P
   DC-DC CONVERTER BUCK (STEP-DOWN) 500kHz, 18V, 2A SYNCHRONOUS
REV1.1
logo
SHANGHAI BELLING CO., L...
BL8032 BELLING-BL8032 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
BL8035 BELLING-BL8035 Datasheet
1Mb / 8P
   500KHz, 18V, 2A Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE726C ACE-ACE726C Datasheet
561Kb / 11P
   500KHz, 18V, 2A Synchronous Step-Down Converter
VER 1.1
logo
E-CMOS Corporation
EC3293A E-CMOS-EC3293A Datasheet
625Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
EC3292 E-CMOS-EC3292 Datasheet
764Kb / 10P
   2A, 18V, Synchronous Step-down DC/DC Converter
EC3293B E-CMOS-EC3293B Datasheet
577Kb / 11P
   3A, 18V, 500KHz, Synchronous Step Down DC/DC Converter
logo
ACE Technology Co., LTD...
ACE7263C ACE-ACE7263C Datasheet
1Mb / 10P
   27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
logo
E-CMOS Corporation
EC3292A E-CMOS-EC3292A Datasheet
293Kb / 10P
   2A, 18V, 500KHz, Synchronous StepDown DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com