Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM824 Datasheet(PDF) 2 Page - ELM Technology Corporation

Part # ELM824
Description  3.0關A Very low power CMOS dual operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM824 Datasheet(HTML) 2 Page - ELM Technology Corporation

  ELM824 Datasheet HTML 1Page - ELM Technology Corporation ELM824 Datasheet HTML 2Page - ELM Technology Corporation ELM824 Datasheet HTML 3Page - ELM Technology Corporation ELM824 Datasheet HTML 4Page - ELM Technology Corporation ELM824 Datasheet HTML 5Page - ELM Technology Corporation ELM824 Datasheet HTML 6Page - ELM Technology Corporation ELM824 Datasheet HTML 7Page - ELM Technology Corporation ELM824 Datasheet HTML 8Page - ELM Technology Corporation ELM824 Datasheet HTML 9Page - ELM Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
10 -
Rev.1.1
http://www.elm-tech.com
Pin No.
Pin name
Pin No.
Pin name
1
OUTA
5
IN+B
2
IN-A
6
IN-B
3
IN+A
7
OUTB
4
VSS
8
VDD
■Standard circuit
■Pin configuration
TSSOP-8(TOP VIEW)
SOP-8(TOP VIEW)
SOT-28(TOP VIEW)
SOT-28
■Marking
Symbol
Mark
Content
a
0 to 9
Last numeral of A.D.
b
A to M (excepted I.)
Assembly month
c
0 to 9
Lot No.
d
0 to 9 and A to Z
(I, O, X excepted.)
e
SOP-8
TSSOP-8
ELM824xA 3.0μA Very low power CMOS dual operational amplifier


Similar Part No. - ELM824

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
logo
ELM Electronics
ELM822-SERIES ELM-ELM822-SERIES Datasheet
908Kb / 9P
   1.5關A CMOS operational amplifier
More results

Similar Description - ELM824

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
ELM834 ELM-TECH-ELM834 Datasheet
1Mb / 10P
   40關A Low power CMOS dual operational amplifier
ELM854 ELM-TECH-ELM854 Datasheet
1Mb / 10P
   300關A Low power CMOS dual operational amplifier
ELM832 ELM-TECH-ELM832 Datasheet
1Mb / 10P
   20關A Low power CMOS operational amplifier
ELM852 ELM-TECH-ELM852 Datasheet
1Mb / 10P
   150關A Low power CMOS operational amplifier
ELM844 ELM-TECH-ELM844 Datasheet
1Mb / 10P
   280關A Low power class-A output CMOS dual operational amplifier
logo
STMicroelectronics
TS27L4C STMICROELECTRONICS-TS27L4C Datasheet
137Kb / 9P
   PRECISION VERY LOW POWER CMOS QUAD OPERATIONAL AMPLIFIER
logo
ELM Technology Corporat...
ELM842 ELM-TECH-ELM842 Datasheet
1Mb / 10P
   140關A Low power class-A output CMOS operational amplifier
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com