Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM842 Datasheet(PDF) 7 Page - ELM Technology Corporation

Part # ELM842
Description  140關A Low power class-A output CMOS operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM842 Datasheet(HTML) 7 Page - ELM Technology Corporation

Back Button ELM842 Datasheet HTML 2Page - ELM Technology Corporation ELM842 Datasheet HTML 3Page - ELM Technology Corporation ELM842 Datasheet HTML 4Page - ELM Technology Corporation ELM842 Datasheet HTML 5Page - ELM Technology Corporation ELM842 Datasheet HTML 6Page - ELM Technology Corporation ELM842 Datasheet HTML 7Page - ELM Technology Corporation ELM842 Datasheet HTML 8Page - ELM Technology Corporation ELM842 Datasheet HTML 9Page - ELM Technology Corporation ELM842 Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
10 -
Rev.1.1
http://www.elm-tech.com
0.01 0.1
1
10
100 1000 10000
-20
0
20
40
60
80
100
120
Vdd=1.5V
Vdd=6.0V
PSRR-Frequency
Frequency (kHz)
Vdd=1.2V
Unity Gain, Vcm=Vdd/2,
Vdd=3.0V
200k���load, Top=25 �
0.01
0.1
1
10
100 1000 10000
-20
0
20
40
60
80
100
120
Top=+85�
Top=+25�
PSRR-Frequency
Frequency (kHz)
Unity Gain, Vdd=3.0V,
Top=-40�
Vcm=1.5V, 200k���load
1.0
2.0
3.0
4.0
5.0
6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Rising edge (Top=-40�)
Falling edge (Top=+85�)
SR-Vdd
Vdd (V)
Falling edge (Top=-40�)
Unity Gain, 200k���load
Rising edge (Top=+85�)
Rising edge (Top=+25�)
Falling edge (Top=+25�)
-40
-20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
Falling edge
SR-Top
Top (�)
Vdd=3.0V, Unity Gain, 200k ���load
Rising edge
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
Top=+25�
Top=+85�
Isource-Vout [Vdd=1.2V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
0
20
40
60
80
100
120
140
160
Top=+25�
Top=+85�
Isource-Vout [Vdd=1.5V]
Vout (V)
Top=-40�
Vid=100mV
0.01 0.1
1
10
100 1000 10000
-20
0
20
40
60
80
100
120
Vdd=1.5V
Vdd=6.0V
PSRR-Frequency
Frequency (kHz)
Vdd=1.2V
Unity Gain, Vcm=Vdd/2,
Vdd=3.0V
200k���load, Top=25 �
0.01
0.1
1
10
100 1000 10000
-20
0
20
40
60
80
100
120
Top=+85�
Top=+25�
PSRR-Frequency
Frequency (kHz)
Unity Gain, Vdd=3.0V,
Top=-40�
Vcm=1.5V, 200k���load
1.0
2.0
3.0
4.0
5.0
6.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Rising edge (Top=-40�)
Falling edge (Top=+85�)
SR-Vdd
Vdd (V)
Falling edge (Top=-40�)
Unity Gain, 200k���load
Rising edge (Top=+85�)
Rising edge (Top=+25�)
Falling edge (Top=+25�)
-40
-20
0
20
40
60
80
0
0.5
1.0
1.5
2.0
Falling edge
SR-Top
Top (�)
Vdd=3.0V, Unity Gain, 200k ���load
Rising edge
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
Top=+25�
Top=+85�
Isource-Vout [Vdd=1.2V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
0
20
40
60
80
100
120
140
160
Top=+25�
Top=+85�
Isource-Vout [Vdd=1.5V]
Vout (V)
Top=-40�
Vid=100mV
ELM842xC 140μA Low power class-A output CMOS operational amplifier


Similar Part No. - ELM842

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
logo
ELM Electronics
ELM842B ELM-ELM842B Datasheet
364Kb / 4P
   CMOS Low power operational amplifier
More results

Similar Description - ELM842

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM844 ELM-TECH-ELM844 Datasheet
1Mb / 10P
   280關A Low power class-A output CMOS dual operational amplifier
ELM832 ELM-TECH-ELM832 Datasheet
1Mb / 10P
   20關A Low power CMOS operational amplifier
ELM852 ELM-TECH-ELM852 Datasheet
1Mb / 10P
   150關A Low power CMOS operational amplifier
ELM834 ELM-TECH-ELM834 Datasheet
1Mb / 10P
   40關A Low power CMOS dual operational amplifier
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
ELM854 ELM-TECH-ELM854 Datasheet
1Mb / 10P
   300關A Low power CMOS dual operational amplifier
logo
ELM Electronics
ELM822-SERIES ELM-ELM822-SERIES Datasheet
908Kb / 9P
   1.5關A CMOS operational amplifier
logo
ELM Technology Corporat...
ELM824 ELM-TECH-ELM824 Datasheet
1Mb / 10P
   3.0關A Very low power CMOS dual operational amplifier
logo
New Japan Radio
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
NJU7028 NJRC-NJU7028 Datasheet
320Kb / 10P
   13關A/ch, Rail-to-Rail Output Quad CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com