Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM844 Datasheet(PDF) 8 Page - ELM Technology Corporation

Part # ELM844
Description  280關A Low power class-A output CMOS dual operational amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM844 Datasheet(HTML) 8 Page - ELM Technology Corporation

Back Button ELM844 Datasheet HTML 2Page - ELM Technology Corporation ELM844 Datasheet HTML 3Page - ELM Technology Corporation ELM844 Datasheet HTML 4Page - ELM Technology Corporation ELM844 Datasheet HTML 5Page - ELM Technology Corporation ELM844 Datasheet HTML 6Page - ELM Technology Corporation ELM844 Datasheet HTML 7Page - ELM Technology Corporation ELM844 Datasheet HTML 8Page - ELM Technology Corporation ELM844 Datasheet HTML 9Page - ELM Technology Corporation ELM844 Datasheet HTML 10Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
10 -
Rev.1.1
http://www.elm-tech.com
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
Top=+25�
Top=+85�
Isource-Vout [Vdd=3.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
50
100
150
200
Top=+25�
Top=+85�
Isource-Vout [Vdd=6.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
Top=+25�
Top=+85�
Isink-Vout [Vdd=1.2V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
0
1.0
2.0
3.0
4.0
5.0
Top=+25�
Top=+85�
Isink-Vout [Vdd=1.5V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
Top=+25�
Top=+85�
Isink-Vout [Vdd=3.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
Isink-Vout [Vdd=6.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
150
200
Top=+25�
Top=+85�
Isource-Vout [Vdd=3.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
50
100
150
200
Top=+25�
Top=+85�
Isource-Vout [Vdd=6.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.5
1.0
1.5
2.0
Top=+25�
Top=+85�
Isink-Vout [Vdd=1.2V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
0
1.0
2.0
3.0
4.0
5.0
Top=+25�
Top=+85�
Isink-Vout [Vdd=1.5V]
Vout (V)
Top=-40�
Vid=100mV
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
5
10
15
20
25
30
35
Top=+25�
Top=+85�
Isink-Vout [Vdd=3.0V]
Vout (V)
Top=-40�
Vid=100mV
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
Top=+25�
Top=+85�
Isink-Vout [Vdd=6.0V]
Vout (V)
Top=-40�
Vid=100mV
ELM844xA 280μA Low power class-A output CMOS dual operational amplifier


Similar Part No. - ELM844

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM84 ELM-TECH-ELM84 Datasheet
2Mb / 21P
   CMOS 1.2A high current LDO voltage regulator
ELM84-SERIES ELM-TECH-ELM84-SERIES Datasheet
2Mb / 21P
   CMOS 1.2A high current LDO voltage regulator
ELM842 ELM-TECH-ELM842 Datasheet
1Mb / 10P
   140關A Low power class-A output CMOS operational amplifier
logo
ELM Electronics
ELM842-SERIES ELM-ELM842-SERIES Datasheet
937Kb / 10P
   CMOS Low power operational amplifier
logo
ELM Technology Corporat...
ELM842B ELM-TECH-ELM842B Datasheet
67Kb / 4P
   CMOS Operational amplifier
More results

Similar Description - ELM844

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM842 ELM-TECH-ELM842 Datasheet
1Mb / 10P
   140關A Low power class-A output CMOS operational amplifier
ELM834 ELM-TECH-ELM834 Datasheet
1Mb / 10P
   40關A Low power CMOS dual operational amplifier
ELM854 ELM-TECH-ELM854 Datasheet
1Mb / 10P
   300關A Low power CMOS dual operational amplifier
ELM824 ELM-TECH-ELM824 Datasheet
1Mb / 10P
   3.0關A Very low power CMOS dual operational amplifier
ELM832 ELM-TECH-ELM832 Datasheet
1Mb / 10P
   20關A Low power CMOS operational amplifier
ELM852 ELM-TECH-ELM852 Datasheet
1Mb / 10P
   150關A Low power CMOS operational amplifier
ELM822 ELM-TECH-ELM822 Datasheet
1Mb / 10P
   1.5關A Very low power CMOS operational amplifier
logo
ELM Electronics
ELM822-SERIES ELM-ELM822-SERIES Datasheet
908Kb / 9P
   1.5關A CMOS operational amplifier
logo
New Japan Radio
NJU7027 NJRC-NJU7027 Datasheet
315Kb / 11P
   13關A/ch, Rail-to-Rail Output Dual CMOS Operational Amplifier
logo
Analog Devices
AD8667 AD-AD8667_07 Datasheet
849Kb / 16P
   16 V, 250 關A, Dual Precision, CMOS, Rail-to-Rail Output Operational Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com