Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELM916DB Datasheet(PDF) 1 Page - ELM Technology Corporation

Part # ELM916DB
Description  600V LED controller
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM-TECH [ELM Technology Corporation]
Direct Link  http://www.elm-tech.com
Logo ELM-TECH - ELM Technology Corporation

ELM916DB Datasheet(HTML) 1 Page - ELM Technology Corporation

  ELM916DB Datasheet HTML 1Page - ELM Technology Corporation ELM916DB Datasheet HTML 2Page - ELM Technology Corporation ELM916DB Datasheet HTML 3Page - ELM Technology Corporation ELM916DB Datasheet HTML 4Page - ELM Technology Corporation ELM916DB Datasheet HTML 5Page - ELM Technology Corporation ELM916DB Datasheet HTML 6Page - ELM Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
6 -
Rev.1.0
http://www.elm-tech.com
Parameter
Symbol
Limit
Unit
VIN voltage power supply
Vin
600
V
VDD voltage
Vdd
+10
V
LD voltage
Vld
-0.3 to Vdd+0.3
V
PWMD voltage
Vpwmd
GATE voltage
Vgate
CS voltage
Vcs
RT voltage
Vrt
Power dissipation
Pd
630
mW
Operating ambient temperature
Top
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
• DC/DC LED driver applications
• RGB backlighting LED driver
• General purpose constant current source
• Signage and decorative LED lighting
• Chargers
• Non-isolation LED bulb
• Open loop peak current control
• A constant current LED driver
• For a LED string from one to hundreds of diodes
• Linear and PWM dimming interface
• Require a few external components
• A buck system with high efficiency
: >90%
• Wide operating voltage range
: 10V to 600V
• Package
: SOP-8
ELM916DB is a high efficient LED driver control IC, which uses fewer components and drives LEDs with
constant current. ELM916DB works in constant frequency and the frequency can be programmed by an external
resistor. ELM916DB includes a high voltage regulator which makes it work in wide 10 to 600V input voltage
range without an external low voltage power supply. External 0 to 100% PWM dimming and 0 to 250mV linear
dimming help to adjust LEDs luminance. ELM916DB is suitable for buck, boost or buck-boost LED drivers.
It has a good stable response that is provided by open loop current mode control without any compensation
circuits.
ELM916DB 600V LED controller
■General description
■Features
■Maximum absolute ratings
■Application
Caution: Permanent damage to the device may occur when ratings above maximum absolute ones are used.


Similar Part No. - ELM916DB

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
   450V LED controller
logo
ELM Technology Corporat...
ELM916DA-N ELM-TECH-ELM916DA-N Datasheet
602Kb / 6P
   450V LED controller
More results

Similar Description - ELM916DB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
Linear Technology
LTC3205 LINER-LTC3205_15 Datasheet
257Kb / 16P
   Multidisplay LED Controller
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
   LED Controller IC
Rev1.0, 2012-02-28
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
   LED Drive controller
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
logo
Global Mixed-mode Techn...
G5996 GMT-G5996 Datasheet
118Kb / 1P
   LED Backlight Controller
logo
ELM Electronics
ELM916DA ELM-ELM916DA Datasheet
597Kb / 6P
   450V LED controller
logo
BOWIN ELECTRONIC CO.
LS3013 BOWIN-LS3013 Datasheet
57Kb / 4P
   4 LED controller
logo
Linear Technology
LTC3205 LINER-LTC3205 Datasheet
252Kb / 16P
   Multidisplay LED Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com