Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF54 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SF54
Description  Superfast Recovery Rectitiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SF54 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SF54 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SF54 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
http://www.trr-jx.com
55°C
10
60
1 Cycle
8
6
4
(JEDEC Method) T=
8.3ms Single Half Sine-Wave
NUMBER OF CYCLES AT 60 Hz
1
50
100
150
2
10
20
40
jmax
T
100
FIG.5 MAXIMUM NON REPETITIVE PEAK
10
60
1 Cycle
8
6
4
(JEDEC Method) T=
8.3ms Single Half Sine-Wave
1
50
100
150
2
10
20
40
jmax
T
100
10
60
1 Cycle
8
6
4
(JEDEC Method) T=
8.3ms Single Half Sine-Wave
1
50
100
150
2
10
20
40
jmax
T
100
10
60
1 Cycle
8
6
4
(JEDEC Method) T=
8.3ms Single Half Sine-Wave
1
50
100
150
2
10
20
40
jmax
T
100
Superfast Recovery Rectitiers
SF51 THRU SF58


Similar Part No. - SF54

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SF54 SUNMATE-SF54 Datasheet
176Kb / 2P
   5.0A Axial Leaded Super Fast Rectifier Diodes
logo
Mospec Semiconductor
SF54 MOSPEC-SF54 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Guangdong Juxing Electr...
SF54 JUXING-SF54 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
logo
Taiwan Semiconductor Co...
SF54 TSC-SF54 Datasheet
67Kb / 2P
   5.0 AMPS. Super Fast Rectifiers
logo
Diotech Company.
SF54 DIOTECH-SF54 Datasheet
659Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - SF54

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SFA06 JUXING-SFA06_15 Datasheet
1Mb / 2P
   Superfast Recovery Rectitiers
ER201G JUXING-ER201G Datasheet
811Kb / 2P
   Superfast Recovery Rectitiers
SF31G JUXING-SF31G Datasheet
680Kb / 2P
   Superfast Recovery Rectitiers
SF21G JUXING-SF21G Datasheet
788Kb / 2P
   Superfast Recovery Rectitiers
DS601 JUXING-DS601 Datasheet
2Mb / 3P
   Superfast Recovery Rectitiers
ER300 JUXING-ER300 Datasheet
717Kb / 2P
   Superfast Recovery Rectitiers
SF31 JUXING-SF31_18 Datasheet
707Kb / 2P
   Superfast Recovery Rectitiers
SF51 JUXING-SF51_18 Datasheet
641Kb / 2P
   Superfast Recovery Rectitiers
SF501 JUXING-SF501 Datasheet
1Mb / 3P
   Superfast Recovery Rectitiers
SF508 JUXING-SF508 Datasheet
3Mb / 3P
   Superfast Recovery Rectitiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com