Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1200 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SR1200
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SR1200 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SR1200 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SR1200 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
· High current capability
DO-41
· High surge current capability
· Low forward voltage drop
free wheeling, and porlarlity protection applications
MECHANICAL DATA
Case: Molded plastic, DO-41
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.012ounce, 0.33gram
Maximum Ratings and Electrical Characteristics
Ratings at 25ambient temperature unless otherwise specified.
Single phase, half wave, 60HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbols
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
Volts
Maximum RMS Voltage
VRMS
Volts
Maximum DC Blocking Voltage
VDC
Volts
Maximum Average Forward Rectified Current
375"(9.5mm) Lead Length
Peak Forward Surge Current,
8.3ms single half-sine-wave
superimposed on rated load (JEDEC method)
Maximum Forward Voltage at 1.0A DC and 25℃
VF
Volts
Maximum Reverse Current
at TA=25℃
at Rated DC Blocking Voltage
TA=100℃
Typical Junction Capacitance (Note 1)
CJ
pF
Typical Thermal Resistance (Note 2)
RθJA
/W
Operating Junction Temperature Range
TJ
Storage Temperature Range
Tstg
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient 0 375"(9.5mm) lead length P.C.B. Mounted with 0.22x0.22" (5.5x5.5mm) copper pads
IR
Amp
Amp
mAmp
I(AV)
IFSM
1.0
-55 to +150
50
Dimensions in inches and (millimeters)
0.5
10
110
30
SR120 THRU SR1200
SCHOTTKY BARRIER RECTIFIERS
Lead: Axial leads, solderable per MIL-STD-202,
Epoxy: UL 94V-O rate flame retardant
· For use in low voltage, high frequency inverters
· Exceeds environmental standards of MIL-S-19500/228
http://www.trr-jx.com
SR120
SR150
SR160
SR180
20
50
60
80
20
50
60
80
14
35
42
56
SR140
40
40
28
-55 to +125
-55 to +150
0.55
0.70
0.85
SR1100 SR1500 SR1200
100
150
200
100
150
200
70
105
140
0.95


Similar Part No. - SR1200

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
SR1200 EDI-SR1200 Datasheet
44Kb / 2P
   FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
Dongguan City Niuhang E...
SR1200 NIUHANG-SR1200 Datasheet
3Mb / 2P
   1.0Amp Schottky Barrier Rectifier Voltage Range: 20 thru 200Volts
logo
PACELEADER INDUSTRIAL
SR1200 PACELEADER-SR1200 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Jinan Jingheng (Group) ...
SR1200 JINANJINGHENG-SR1200 Datasheet
66Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SR1200 CHONGQING-SR1200 Datasheet
178Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR1200

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com