Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E632A Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # W79E632A
Description  8-BIT MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W79E632A Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button W79E632A Datasheet HTML 51Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 52Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 53Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 54Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 55Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 56Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 57Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 58Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 79 page
background image
W79E632A/W79L632A
Publication Release Date: Nov. 11, 2009
- 55 -
Revision A10
Mode 2
This mode uses a total of 11 bits in asynchronous full-duplex communication. The functional description
is shown in the figure below. The frame consists of one start bit (0), 8 data bits (LSB first), a
programmable 9th bit (TB8) and a stop bit (0). The 9th bit received is put into RB8. The baud rate is
programmable to 1/32 or 1/64 of the oscillator frequency, which is determined by the SMOD bit in PCON
SFR. Transmission begins with a write to SBUF. The serial data is brought out on to TxD pin at C1
following the first roll-over of the divide by 16 counter. The next bit is placed on TxD pin at C1 following
the next rollover of the divide by 16 counter. Thus the transmission is synchronized to the divide by 16
counter, and not directly to the write to SBUF signal. After all 9 bits of data are transmitted, the stop bit is
transmitted. The TI flag is set in the C1 state after the stop bit has been put out on TxD pin. This will be
at the 11th rollover of the divide by 16 counter after a write to SBUF. Reception is enabled only if REN is
high. The serial port actually starts the receiving of serial data, with the detection of a falling edge on the
RxD pin. The 1-to-0 detector continuously monitors the RxD line, sampling it at the rate of 16 times the
selected baud rate. When a falling edge is detected, the divide by 16 counter is immediately reset. This
helps to align the bit boundaries with the rollovers of the divide by 16 counter. The 16 states of the
counter effectively divide the bit time into 16 slices. The bit detection is done on a best of three basis.
The bit detector samples the RxD pin, at the 8th, 9th and 10th counter states. By using a majority 2 of 3
voting system, the bit value is selected. This is done to improve the noise rejection feature of the serial
port.
SBUF
RB8
Transmit Shift Register
Receive Shift Register
TX
SHIFT
PAROUT
D8
Internal
Data Bus
Internal
Data
Bus
TXD
RXD
Serial Port
Interrupt
SMOD=
(SMOD_1)
SAMPLE
Write to
SBUF
TX START
SOUT
0
1
TI
PARIN
STOP
START
LOAD
CLOCK
Read
SBUF
TX CLOCK
RI
SERIAL
CONTROLLER
RX CLOCK
LOAD
SBUF
RX START
RX SHIFT
2
16
1-TO-0
DETECTOR
BIT
DETECTOR
16
CLOCK
SIN
D8
TB8
OSC
Figure 22. Serial Port Mode 2
If the first bit detected after the falling edge of RxD pin, is not 0, then this indicates an invalid start bit, and
the reception is immediately aborted. The serial port again looks for a falling edge in the RxD line. If a
valid start bit is detected, then the rest of the bits are also detected and shifted into the SBUF. After
shifting in 9 data bits, there is one more shift to do, after which the SBUF and RB8 are loaded and RI is
set. However certain conditions must be met before the loading and setting of RI can be done.


Similar Part No. - W79E632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A NUVOTON-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A40FL NUVOTON-W79E632A40FL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com