Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E632A Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # W79E632A
Description  8-BIT MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W79E632A Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button W79E632A Datasheet HTML 54Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 55Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 56Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 57Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 58Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 59Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 60Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 61Page - List of Unclassifed Manufacturers W79E632A Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 79 page
background image
W79E632A/W79L632A
- 58 -
Slave 1:
SADDR 1010 0100
SADEN 1111 1010
Given
1010 0x0x
Slave 2:
SADDR 1010 0111
SADEN 1111 1001
Given
1010 0xx1
The Given address for slave 1 and 2 differ in the LSB. For slave 1, it is a don't care, while for slave 2 it is
1. Thus to communicate only with slave 1, the master must send an address with LSB = 0 (1010 0000).
Similarly the bit 1 position is 0 for slave 1 and don't care for slave 2. Hence to communicate only with
slave 2 the master has to transmit an address with bit 1 = 1 (1010 0011). If the master wishes to
communicate with both slaves simultaneously, then the address must have bit 0 = 1 and bit 1 = 0. The bit
3 position is don't care for both the slaves. This allows two different addresses to select both slaves
(1010 0001 and 1010 0101).
The master can communicate with all the slaves simultaneously with the Broadcast Address. This
address is formed from the logical ORing of the SADDR and SADEN SFRs. The zeros in the result are
defined as don't cares In most cases the Broadcast Address is FFh. In the previous case, the Broadcast
Address is (1111111X) for slave 1 and (11111111) for slave 2.
The SADDR and SADEN SFRs are located at address A9h and B9h respectively. On reset, these two
SFRs are initialized to 00h. This results in Given Address and Broadcast Address being set as XXXX
XXXX(i.e. all bits don't care). This effectively removes the multiprocessor communications feature, since
any selectivity is disabled.


Similar Part No. - W79E632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A NUVOTON-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A40FL NUVOTON-W79E632A40FL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com