Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62CTQ030 Datasheet(PDF) 4 Page - International Rectifier

Part # 62CTQ030
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

62CTQ030 Datasheet(HTML) 4 Page - International Rectifier

  62CTQ030 Datasheet HTML 1Page - International Rectifier 62CTQ030 Datasheet HTML 2Page - International Rectifier 62CTQ030 Datasheet HTML 3Page - International Rectifier 62CTQ030 Datasheet HTML 4Page - International Rectifier 62CTQ030 Datasheet HTML 5Page - International Rectifier 62CTQ030 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
62CTQ030
Bulletin PD-20634 rev. A 12/01
4
www.irf.com
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss
Characteristics
Average Forward Current - I
F(AV) (A)
Average Forward Current - I
F(AV) (A)
Square Wave Pulse Duration - t
p (microsec)
100
1000
10000
10
100
1000
10000
At Any Rated Load Condition
And With Rated Vrrm Applied
Following Surge
0
5
10
15
20
25
0
5
10 15 20 25 30 35 40 45
DC
RMS Limit
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
(2) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = 80% rated VR
60
70
80
90
100
110
120
130
140
150
160
0
5
10 15 20 25 30 35 40 45
DC
see note (2)
Square wave (D = 0.50)
80% Rated Vr applied


Similar Part No. - 62CTQ030

ManufacturerPart #DatasheetDescription
logo
International Rectifier
62CTQ030 IRF-62CTQ030 Datasheet
134Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Vishay Siliconix
62CTQ030 VISHAY-62CTQ030 Datasheet
108Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 21-Aug-08
62CTQ030 VISHAY-62CTQ030 Datasheet
149Kb / 7P
   Schottky Rectifier, 2 x 30 A
Revision: 22-Jul-09
logo
International Rectifier
62CTQ030PBF IRF-62CTQ030PBF Datasheet
134Kb / 6P
   SCHOTTKY RECTIFIER 60 Amp
logo
Vishay Siliconix
62CTQ030PBF VISHAY-62CTQ030PBF Datasheet
111Kb / 6P
   Schottky Rectifier, 2 x 30 A
Revision: 13-Aug-08
More results

Similar Description - 62CTQ030

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com