Electronic Components Datasheet Search |
|
7-1377174-6 Datasheet(PDF) 11 Page - TE Connectivity Ltd |
|
7-1377174-6 Datasheet(HTML) 11 Page - TE Connectivity Ltd |
11 / 24 page Long Spring Spade Tongue Terminals PIDG Pre-Insulated Diamond Grip Section Catalog 1654376-1 Issued 4-2010. Main Catalog 1654400-1 Chapter 37 – Issued 4-2010. All specifications subject to change. Consult TE Connectivity for latest specifications. 37-11 Slotted Ring Tongue Terminals L E C W L X W C E 6 .250 .238 .652 .933 .276 .125 52409 52409-1 M3.5 6.35 6.05 16.56 23.70 7.01 3.18 22–16 .033 8 .281 .270 .684 .979 .290 .125 – 52410-1 (0.26–1.65) 0.84 M4 7.14 6.86 17.37 24.87 7.37 3.18 10 .343 .283 .697 1.005 .303 .125 – 52411-1 8.71 7.19 17.70 25.53 7.70 3.18 .250 .238 .652 .933 .276 .150 52420 – 6 6.35 6.05 16.56 23.70 7.01 3.81 M3.5 .250 .238 .652 .933 .276 .170 - 52420-1 52420-3 6.35 6.05 16.56 23.70 7.01 4.32 16–14 .033 8 .281 .270 .684 .979 .290 .150 52421 – (1.04–2.62) 0.84 M4 7.14 6.86 17.37 24.87 7.37 3.81 10 .343 .283 .697 1.005 .303 .170 - 52422-1 – 8.71 7.19 17.70 25.53 7.70 4.32 1/4 .437 .345 .759 1.102 .338 .150 52423 – M6 11.10 8.76 19.28 27.99 8.59 3.81 8 .375 .273 .874 1.174 .295 .250 - 52431-1 – M4 9.53 6.93 22.20 29.82 7.49 6.35 12–10 .042 10 .375 .305 .906 1.219 .308 .250 - 52432-1 – (2.62–6.64) 1.07 9.53 7.75 23.01 30.96 7.82 6.35 1/4 .437 .345 .946 1.289 .338 .250 - 52433-1 – M6 11.10 8.76 24.03 32.74 8.59 6.35 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. 26–22 .020 6 .250 .281 .612 .719 .082 323011 2-323011-2 (0.10–0.41) 0.51 M3.5 6.35 7.14 15.54 18.26 2.08 22–16 .033 8 .281 .250 .654 .770 .140 36954 – (0.26–1.65) 0.84 M4 7.14 6.35 16.61 19.56 3.56 Note: “C” dimension applies from edge of metal wire barrel to center of stud hole. Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L X Min. Max. Max. Part Numbers Loose Tape Piece Mounted Wire Size AWG (mm2) Terminal Insulation Color Wire Insulation Diameter Max. Tongue Material Thickness Max. Stud Size Dimensions WC E L Min. Max. Max. Part Numbers Loose Tape Piece Mounted Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body and Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 Material and Finish Insulation: Nylon acc. UL 94 V-2 Terminal Body: Phosphor Bronze per ASTM B-139 Metallic Sleeve: Copper per ASTM B-152 Plating: Tin per ASTM B-545 |
Similar Part No. - 7-1377174-6 |
|
Similar Description - 7-1377174-6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |