Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G58GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC1G58GW
Description  Low-power configurable multiple function gate
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G58GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC1G58GW Datasheet HTML 6Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 7Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 8Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 9Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 10Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 11Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 12Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 13Page - NXP Semiconductors 74LVC1G58GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
9397 750 13852
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 15 September 2004
10 of 18
Philips Semiconductors
74LVC1G58
Low-power configurable multiple function gate
14. Transfer characteristics
Measurement points are given in Table 12.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistor.
VEXT = Test voltage for switching times.
Fig 12. Load circuitry for switching times.
Table 12:
Measurement points
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL tPZH, tPHZ tPZL, tPLZ
1.65 V to 1.95 V
VCC
≤ 2.0 ns
30 pF
1 k
open
GND
2
× VCC
2.3 to 2.7 V
VCC
≤ 2.0 ns
30 pF
500
open
GND
2
× VCC
2.7 V
2.7 V
≤ 2.5 ns
50 pF
500
open
GND
6 V
3.0 V to 3.6 V
2.7 V
≤ 2.5 ns
50 pF
500
open
GND
6 V
4.5 V to 5.5 V
VCC
≤ 2.5 ns
50 pF
500
open
GND
2
× VCC
VEXT
VCC
VI
VO
mna616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Table 13:
Transfer characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
VT+
positive-going threshold
voltage
see Figure 13, 14, 15 and 16
VCC = 1.8 V
0.70
1.02
1.20
V
VCC = 2.3 V
1.11
1.42
1.60
V
VCC = 3.0 V
1.50
1.79
2.00
V
VCC = 4.5 V
2.16
2.52
2.74
V
VCC = 5.5 V
2.61
2.99
3.33
V
VT−
negative-going threshold
voltage
see Figure 13, 14, 15 and 16
VCC = 1.8 V
0.30
0.53
0.72
V
VCC = 2.3 V
0.58
0.77
1.00
V
VCC = 3.0 V
0.80
1.04
1.30
V
VCC = 4.5 V
1.21
1.55
1.90
V
VCC = 5.5 V
1.45
1.86
2.29
V


Similar Part No. - 74LVC1G58GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G58GW NXP-74LVC1G58GW Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
74LVC1G58GW NXP-74LVC1G58GW Datasheet
110Kb / 18P
   Low-power configurable multiple function gate
Rev. 04-27 April 2009
logo
Nexperia B.V. All right...
74LVC1G58GW NEXPERIA-74LVC1G58GW Datasheet
271Kb / 18P
   Low-power configurable multiple function gate
Rev. 11 - 1 February 2022
74LVC1G58GW-Q100 NEXPERIA-74LVC1G58GW-Q100 Datasheet
840Kb / 17P
   Low-power configurable multiple function gate
More results

Similar Description - 74LVC1G58GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com