Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD9300 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ISD9300
Description  ISD Cortex-M0 ChipCorder
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ISD9300 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ISD9300 Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 14Page - List of Unclassifed Manufacturers ISD9300 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
ISD9300 Datasheet
Release Date: Oct 23, 2014
- 11 -
Revision V1.1
Pin No.
Pin Name
Pin Type
Alt
CFG
Description
LQFP
64
SPI_SSB1
O
3
SPI Slave Select 1
40
PA.4
I/O
0
General purpose input/output pin; Port A, bit 4
I2S_FS
I/O
1
I2S Frame Sync
41
PB.13
I/O
0
General purpose input/output pin; Port B, bit 13.
SPI_MOSI1
O
1
SPI Channel 1 Master Out, Slave In
PWM5
O
2
PWM5 Output
PWM4B
O
3
PWM Channel 4 Complementary Output
42
PA.3
I/O
0
General purpose input/output pin; Port A, bit 3
SPI_MISO0
I
1
SPI Channel 0 Master In, Slave Out
I2C_SDA
I/O
2
I2C Serial Data
43
PA.2
I/O
0
General purpose input/output pin; Port A, bit 2
SPI_SSB0
I/O
1
SPI Slave Select 0
44
VDD33
P
LDO Regulator Output. If used, a 1µF capacitor must be placed
to ground. If not used then tie to VCCD.
45
PB.12
I/O
0
General purpose input/output pin; Port B, bit 13.
SPI_MISO1
O
1
Master In, Slave Out channel 1 for SPI interface
PWM4
O
2
PWM4 Output
PWM5B
O
3
PWM channel 5 Complementary Output
46
PA.1
I/O
0
General purpose input/output pin; Port A, bit 1
SPI_SCLK
I/O
1
SPI Serial Clock
I2C_SCL
I/O
2
I2C Serial Clock
47
PA.0
I/O
0
General purpose input/output pin; Port A, bit 2
SPI_MOSI0
O
1
SPI Channel 0 Master Out, Slave In
MCLK
O
2
Master clock output.
48
VCCLDO
P
Power Supply for LDO, should be connected to VCCD
49
PA.14
I/O
0
General purpose input/output pin; Port A, bit 14
TM0
I
1
External input to Timer 0
SDCLK
O
2
Inverse Clock output for digital microphone mode.
PWM4
O
3
PWM4 Output
50
PA.13
I/O
0
General purpose input/output pin; Port A, bit 13
PWM1
O
1
PWM1 Output.
SPKM
O
2
Equivalent to SPK-.


Similar Part No. - ISD9300

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD9300 NUVOTON-ISD9300 Datasheet
880Kb / 26P
   ISD Cortex??M0 ChipCorder
More results

Similar Description - ISD9300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD9160 ETC2-ISD9160 Datasheet
469Kb / 23P
   ISD Cortex-M0 ChipCorder
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD9300 NUVOTON-ISD9300 Datasheet
880Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
   ARM짰 Cortex??M0 core
logo
NXP Semiconductors
PN7360AUHN NXP-PN7360AUHN Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
PN746X NXP-PN746X Datasheet
716Kb / 86P
   NFC Cortex-M0 microcontroller
Rev. 3.1-5 April 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com