Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62GP3011MR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC62GP3011MR
Description  Positive Voltage Regulators (Output On/Off)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GP3011MR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC62GP3011MR Datasheet HTML 1Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 2Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 3Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 4Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 5Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 6Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 7Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 8Page - Torex Semiconductor XC62GP3011MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
XC62G
Series
319
3
■Electrical Characteristics
XC62GR30 VOUT(T)=3.0V(Note1)
1. VOUT(T)=Specified Output Voltage .
2. VOUT(E)=Effective Output Voltage (i.e. the output voltage when "VOUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IOUT value).
3. Vdif= {VIN1 (Note5)-VOUT1 (Note4)}
4. VOUT1= A voltage equal to 98% of the Output Voltage whenever an amply stabilised IOUT {VOUT(T)+1.0V} is input.
5. VIN1= The Input Voltage when VOUT1 appears as Input Voltage is gradually decreased.
6. High Speed is Semi-custom.
Note:
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SYMBOL
Output Voltage
IOUT=40mA
VIN=4.0V
2.940
150
3.000
3.060
V
Load Stability
VIN=4.0 VOUT(E)
≥2.7V
mA
IOUT max.
Maximum Output Current
Input-Output
Voltage Differential (Note3)
VIN=4.0V
1mA
≤IOUT≤80mA
1.5
–0.2
90
45
mV
∆VOUT
Supply Current1
IOUT=80mA
IOUT=40mA
4.0V
VIN10.0V
IOUT=10mA
–30
°CTopr80°C
200
mV
VDIF1
Supply Current2
Input Stability
CE Input Voltage "High"
CE Input Voltage "Low"
CE Input Current "High"
CE Input Current "Low"
Input Voltage
Output Voltage
Temperature Characteristics
VIN=VCE=4.0V
(Note6)
Standard
High Speed
VIN=4.0V,VCE=VSS
11
0.2
±100
–0.05
0.1
0.3
10.0
0.25
5.0
0
CIRCUT
1
1
1
1
IOUT=160mA
380
395
770
mV
VDIF2
1
2
2
1
-
1
2
2
µA
23
19
31
2
µA
µA
%/V
V
ppm/
°C
V1
V
µA
µA
Iss1
ISS2
VIN
VCEH
VCEL
ICEH
ICEL
VCE=VIN
VCE=VSS
∆VOUT
∆VIN • VOUT
∆VOUT
∆Topr • VOUT
Ta=25
°C
VOUT(E) (Note2)
03S_07XC62G 02.9.12 3:04 PM ページ 319


Similar Part No. - XC62GP3011MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
More results

Similar Description - XC62GP3011MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62H TOREX-XC62H Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com