Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS80C31-24PQI Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS80C31-24PQI
Description  CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS80C31-24PQI Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS80C31-24PQI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS80C31-24PQI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
IS80C51
IS80C31
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
MC003-1D
11/19/98
ISSI®
Table 1. Detailed Pin Description
Symbol
PDIP
PLCC
PQFP
I/O
Name and Function
ALE
30
33
27
I/O
Address Latch Enable: Output pulse for latching the low byte
of the address during an address to the external memory. In
normal operation, ALE is emitted at a constant rate of 1/6 the
oscillator frequency, and can be used for external timing or
clocking. Note that one ALE pulse is skipped during each
access to external data memory.
EA
31
35
29
I
External Access enable:
EA must be externally held low to
enable the device to fetch code from external program memory
locations 0000H to FFFFH. If
EA is held high, the device
executes from internal program memory unless the program
counter contains an address greater than 0FFFH.
P0.0-P0.7
39-32
43-36
37-30
I/O
Port 0: Port 0 is an 8-bit open-drain, bidirectional I/O port. Port
0 pins that have 1s written to them float and can be used as high-
impedance inputs. Port 0 is also the multiplexed low-order
address and data bus during accesses to external program and
data memory. In this application, it uses strong internal pullups
when emitting 1s.
P1.0-P1.7
1-8
2-9
40-44
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal
1-3
pullups. Port 1 pins that have 1s written to them are pulled high
by the internal pullups and can be used as inputs. As inputs,
Port 1 pins that are externally pulled low will source current
because of the internal pullups. (See DC Characteristics: IIL).
The Port 1 output buffers can sink/source four TTL inputs.
Port 1 also receives the low-order address byte during ROM
verification.
P2.0-P2.7
21-28
24-31
18-25
I/O
Port 2: Port 2 is an 8-bit bidirectional I/O port with internal
pullups. Port 2 pins that have 1s written to them are pulled high
by the internal pullups and can be used as inputs. As inputs,
Port 2 pins that are externally pulled low will source current
because of the internal pullups. (See DC Characteristics: IIL).
Port 2 emits the high order address byte during fetches from
external program memory and during accesses to external data
memory that used 16-bit addresses (MOVX @ DPTR). In this
application, Port 2 uses strong internal pullups when emitting
1s. During accesses to external data memory that use 8-bit
addresses (MOVX @ Ri [i = 0, 1]), Port 2 emits the contents of
the P2 Special Function Register.
Port 2 also receives the high-order bits and some control
signals during ROM verification.


Similar Part No. - IS80C31-24PQI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS80C32 ISSI-IS80C32 Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PL ISSI-IS80C32-12PL Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PLI ISSI-IS80C32-12PLI Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PQ ISSI-IS80C32-12PQ Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
IS80C32-12PQI ISSI-IS80C32-12PQI Datasheet
382Kb / 48P
   CMOS SINGLE CHIP LOW VOLTAGE 8-BIT MICROCONTROLLER
More results

Similar Description - IS80C31-24PQI

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB80C515 INFINEON-SAB80C515 Datasheet
668Kb / 56P
   8-Bit CMOS Single-Chip Microcontroller
02.96
SAB80C517 INFINEON-SAB80C517 Datasheet
1Mb / 61P
   8-Bit CMOS Single-Chip Microcontroller
04.95
logo
Samsung semiconductor
S3F8647 SAMSUNG-S3F8647 Datasheet
1Mb / 399P
   8-bit single-chip CMOS microcontroller
logo
Integrated Circuit Solu...
IC80C51 ICSI-IC80C51 Datasheet
247Kb / 44P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
NXP Semiconductors
83C654 PHILIPS-83C654 Datasheet
258Kb / 24P
   CMOS single-chip 8-bit microcontroller
1998 Jan 06
logo
Siemens Semiconductor G...
SAB80C517A SIEMENS-SAB80C517A_1 Datasheet
2Mb / 137P
   8-Bit CMOS Single-Chip Microcontroller
SAB80C517 SIEMENS-SAB80C517_05 Datasheet
3Mb / 323P
   8-Bit CMOS Single-Chip Microcontroller
logo
Integrated Circuit Solu...
IC80C32 ICSI-IC80C32 Datasheet
274Kb / 48P
   CMOS SINGLE CHIP 8-BIT MICROCONTROLLER
logo
Integral Corp.
IN80C32N INTEGRAL-IN80C32N Datasheet
117Kb / 2P
   CMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Infineon Technologies A...
SAB80C515A INFINEON-SAB80C515A Datasheet
899Kb / 57P
   8-Bit CMOS Single-Chip Microcontroller
08.95
SAB80C517A INFINEON-SAB80C517A Datasheet
1Mb / 77P
   8-Bit CMOS Single-Chip Microcontroller
1994-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com