Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62GR5012PR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC62GR5012PR
Description  Positive Voltage Regulators (Output On/Off)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62GR5012PR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC62GR5012PR Datasheet HTML 1Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 2Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 3Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 4Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 5Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 6Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 7Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 8Page - Torex Semiconductor XC62GR5012PR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Positive Voltage Regulators (Output On/Off)
Series
315
3
■General Description
■Features
■Applications
■Typical Application Circuit
■Typical Performance
Characteristic
The XC62G series are highly precise, low power consumption positive
voltage regulators, manufactured using CMOS and laser trimming
technologies. The series achieves high output currents, with low input-
output voltage differentials, and consists of a high precision voltage
reference, an error correction circuit, and an output driver with current
limitation. With good transient responses, output remains stable even
during load changes. Also, having high ripple rejection ratios, the series
can be used with low power supply noise. The CE input enables the
output to be turned off, resulting in reduced power consumption. SOT-25
(150mW) and SOT-89-5 (500mW) packages are available. With regards
to the CE function, as well as the positive logic XC62GR series, a
negative logic XC62GP series (custom) is also available.
Maximum Output Current
: 150mA (within max. power
dissipation,VOUT=3.0V)
Output Voltage Range : 2.1V~5.0V in 0.1V increments
Highly Accurate
: Set-up voltage ±2%
(±1% for semi-custom products)
Low Power Consumption
: TYP. 13
µA (VOUT= 3.0V),
TYP 23
µA (VOUT=3.0V semi-custom,
high-speed versions),
TYP 0.1
µA (Stand-by mode)
Output Voltage Temperature Characteristics
: TYP ±100ppm/°C
Input Stability
: TYP 0.2%/V
Ultra Small Packages : SOT-25 (150mW) mini-mold
SOT-89-5 (500mW) mini-power mold
GBattery-powered Equipment
GVoltage supplies for cellular phones
GCameras, Video Recorders
GPalmtops
NCMOS Low Power Consumption
NSmall Input-Output Voltage Differential
: 0.2V @ 80mA,
0.38V @ 160mA
NMaximum Output Current
: 150mA (VOUT = 3.0V)
NHighly Accurate : ±2% (±1%)
NOutput Voltage Range
: 2.1V ~ 5.0V
NStand-by Supply Current
: 0.1
µA (VOUT = 3.0V)
NSOT-25 / SOT-89-5 Package
RL
VIN
VIN
CE
VSS
VOUT
CIN
4.7
µF
(Tantalum)
CL
10
µF
(Tantalum)
Output Voltage
Output Voltage
4.6
4.7
4.8
5.0
4.9
5.1
5.2
0
40
80
120
160
200
240
Time(2msec/div)
XC62GR5022(5V HIGH SPEED)
VIN=6V , CL=10
µF(tantalum)
40mA
1mA
03S_07XC62G 02.9.12 3:04 PM ページ 315


Similar Part No. - XC62GR5012PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62G TOREX-XC62G Datasheet
425Kb / 11P
   CMOS Low Power Consumption
More results

Similar Description - XC62GR5012PR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62H TOREX-XC62H_1 Datasheet
1Mb / 19P
   Positive Voltage Regulators (Output ON/OFF)
XC62H TOREX-XC62H Datasheet
1Mb / 17P
   Positive Voltage Regulators (Output ON/OFF)
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6204_004 TOREX-XC6204_004 Datasheet
1Mb / 49P
   High Speed LDO Regulators Output ON-OFF Control
logo
Sharp Corporation
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
   Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
Vishay Siliconix
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com