Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LFD4T5-62U-XX-PF Datasheet(PDF) 6 Page - LIGITEK electronics co., ltd.

Part # LFD4T5-62U-XX-PF
Description  SINGLE DIGIT LED DISPLAY (0.40 Inch)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LFD4T5-62U-XX-PF Datasheet(HTML) 6 Page - LIGITEK electronics co., ltd.

  LFD4T5-62U-XX-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LFD4T5-62U-XX-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PART NO. LFD4T5/62U-XX-PF
5/8
Page
Unit
volt
nm
nm
mcd
If=20mA
If=10mA
If=20mA
If=20mA
Test Condition
Test Condition For Each Parameter
Symbol
Vf
λD
△λ
Iv
Spectral Line Half-Width
Dominant Wavelength
Parameter
Luminous Intensity Per Chip
Forward Voltage Per Chip
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
μA
Vr=5V
Ir
IV-M
Reverse Current Any Chip
Luminous Intensity Matching Ratio


Similar Part No. - LFD4T5-62U-XX-PF

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
LFD40 SYSTEMSENSOR-LFD40 Datasheet
130Kb / 2P
   Low Flow Rate Waterflow Detectors
logo
LIGITEK electronics co....
LFD415-62-XX-PF LIGITEK-LFD415-62-XX-PF Datasheet
187Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP126-PF LIGITEK-LFD415-62-XX-RP126-PF Datasheet
146Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP33-PF LIGITEK-LFD415-62-XX-RP33-PF Datasheet
145Kb / 9P
   FOUR DIGIT LED DISPLAY(0.39Inch)
LFD415-62-XX-RP5 LIGITEK-LFD415-62-XX-RP5 Datasheet
106Kb / 8P
   FOUR DIGIT LED DISPLAY(0.39Inch)
More results

Similar Description - LFD4T5-62U-XX-PF

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSD4224-XX-RP13-1-PF LIGITEK-LSD4224-XX-RP13-1-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-SRP104-PF LIGITEK-LSD401-2EGR-XX-SRP104-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD4224-XX-PF LIGITEK-LSD4224-XX-PF Datasheet
171Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX LIGITEK-LSD401-24-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX-PF LIGITEK-LSD401-2SBKS-XX-PF Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-24-XX-RP13-PF LIGITEK-LSD401-24-XX-RP13-PF Datasheet
154Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2EGR-XX-PF LIGITEK-LSD401-2EGR-XX-PF Datasheet
166Kb / 10P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD451-24-XX-SRP104-PF LIGITEK-LSD451-24-XX-SRP104-PF Datasheet
147Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-2SBKS-XX LIGITEK-LSD401-2SBKS-XX Datasheet
145Kb / 9P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
LSD401-21-XX LIGITEK-LSD401-21-XX Datasheet
136Kb / 8P
   SINGLE DIGIT LED DISPLAY (0.40 Inch)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com