Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W567S020 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # W567S020
Description  8-CHANNEL SPEECHMELODY PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W567S020 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button W567S020 Datasheet HTML 2Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 3Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 4Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 5Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 6Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 7Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 8Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 9Page - List of Unclassifed Manufacturers W567S020 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
W567SXXX
Publication Release Date: May 2010
- 6 -
Revision A18
5. ELECTRICAL CHARACTERISTICS
5.1 Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Supply Voltage to Ground Potential
-0.3 to +7.0
V
D.C. Voltage on Any Pin to Ground Potential
-0.3 to VDD +0.3
V
Operating Temperature
0 to +70
C
Storage Temperature
-55 to +150
C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
5.2 D.C. Characteristics
(VDDVSS = 4.5 V, FM = 8 MHz, Ta = 25C, No Load unless otherwise specified)
PARAMETER
SYM.
TEST CONDITIONS
SPEC.
UNIT
Min.
Typ.
Max.
Operating Voltage
VDD
FSYS = 4 MHz
2.4
-
5.5
V
FSYS = 8 MHz
3.6
-
5.5
V
Operating Current
IOP
FSYS = FM, normal
operation
-
15
20
mA
Standby Current
ISB
STOP mode
-
1
2
A
32KHz Crystal current
I32K
FOSC disable, No load, Wake
up frequency: 2Hz
-
6
15
A
Input Low Voltage
VIL
All input pins
VSS
-
0.3 VDD
V
Input High Voltage
VIH
All input pins
0.7 VDD
-
VDD
V
Output Current (BP0)
IOL
VDD = 4.5V, VOUT = 1.0V
-
25
-
mA
IOH
VDD = 4.5V, VOUT = 2.6V
-
-12
-
mA
IOL
VDD = 3V, VOUT = 0.4V
8
12
-
mA
IOH
VDD = 3V, VOUT = 2.6V
-4
-6
-
mA
Output Low Current
IOL
VOUT = 0.4V, all output pins
except BP0
4
-
-
mA
Output High Current
IOH
VOUT = 2.4V, all output pins
except BP0
-4
-
-
mA
DAC Full Scale Current
IDAC
VDD =
4.5V, RL = 100
-2.4
-4.0
-3.0
-5.0
-3.6
-6.0
mA
Operation Current of
Low Voltage Reset
ILVR
VDD = 4.5V
60
uA
Input current
BPn, Reset
IIN
VIN = 0V, pull high
resistance = 200K ohm
-15
-45
uA


Similar Part No. - W567S020

ManufacturerPart #DatasheetDescription
logo
Winbond
W567S020 WINBOND-W567S020 Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567S020 NUVOTON-W567S020 Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
More results

Similar Description - W567S020

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W567SXXX NUVOTON-W567SXXX Datasheet
512Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR
logo
Winbond
W567SXXX WINBOND-W567SXXX Datasheet
500Kb / 13P
   8-CHANNEL SPEECHMELODY PROCESSOR (BandDirectorTM Series)
logo
Nuvoton Technology Corp...
W567JXXX NUVOTON-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
logo
List of Unclassifed Man...
W567CP260 ETC2-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567JXXX ETC2-W567JXXX Datasheet
638Kb / 13P
   6-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX ETC2-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
logo
Nuvoton Technology Corp...
W567CP260 NUVOTON-W567CP260 Datasheet
718Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
W567CXXX NUVOTON-W567CXXX Datasheet
710Kb / 13P
   16-CHANNEL SPEECHMELODY PROCESSOR
N588H NUVOTON-N588H Datasheet
939Kb / 20P
   3-CHANNEL SPEECHMELODY
logo
OKI electronic componet...
MSM7630 OKI-MSM7630 Datasheet
650Kb / 95P
   Universal Speech Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com