Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XZDG25X109FS Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZDG25X109FS
Description  Ideal for indication for hand held products
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZDG25X109FS Datasheet(HTML) 1 Page - SunLED Corporation

  XZDG25X109FS Datasheet HTML 1Page - SunLED Corporation XZDG25X109FS Datasheet HTML 2Page - SunLED Corporation XZDG25X109FS Datasheet HTML 3Page - SunLED Corporation XZDG25X109FS Datasheet HTML 4Page - SunLED Corporation XZDG25X109FS Datasheet HTML 5Page - SunLED Corporation XZDG25X109FS Datasheet HTML 6Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part Number: XZDG25X109FS
3.5x2.8 mm SMD CHIP LED LAMP
Feb 19, 2016
XDSB6800 V3-Z Layout: Maggie L.
P. 1/6
Features
● 3.5mm X 2.8mm X 0.8mm SMD LED
● Ideal for indication for hand held products
● IR-reflow compatible
● Ideal 0.5-Watt power for backlighting and accent lighting
● Special colors available
● Standard Package: 2,000pcs / Reel
● MSL (Moisture Sensitivity Level): 2a
● RoHS compliant
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Package Schematics


Similar Part No. - XZDG25X109FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZDG25X143S SUNLED-XZDG25X143S Datasheet
342Kb / 7P
   IR-reflow compatible
More results

Similar Description - XZDG25X109FS

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZCB25X109FS SUNLED-XZCB25X109FS Datasheet
370Kb / 6P
   Ideal for indication for hand held products
XZM2MOK53W-8 SUNLED-XZM2MOK53W-8 Datasheet
245Kb / 4P
   Ideal for indication light on hand held products
XZM2CYK81FS SUNLED-XZM2CYK81FS Datasheet
278Kb / 5P
   Ideal for indication light on hand held products
XZCBD168W SUNLED-XZCBD168W Datasheet
228Kb / 4P
   Ideal for indication light on hand held products
XZVG168W SUNLED-XZVG168W Datasheet
245Kb / 4P
   Ideal for indication light on hand held products
XZBGRBBRMERK150W SUNLED-XZBGRBBRMERK150W Datasheet
291Kb / 4P
   Ideal for indication light on hand held products
XZDGK78W SUNLED-XZDGK78W Datasheet
328Kb / 4P
   Ideal for indication light on hand held products
XZM2DG105S SUNLED-XZM2DG105S Datasheet
321Kb / 5P
   Ideal for indication light on hand held products
XZM2CYK168WA SUNLED-XZM2CYK168WA Datasheet
247Kb / 4P
   Ideal for indication light on hand held products
XZMDK168W SUNLED-XZMDK168W Datasheet
236Kb / 4P
   Ideal for indication light on hand held products
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com