Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE8000 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # ACE8000
Description  ACE8001 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ACE8000 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button ACE8000 Datasheet HTML 2Page - Fairchild Semiconductor ACE8000 Datasheet HTML 3Page - Fairchild Semiconductor ACE8000 Datasheet HTML 4Page - Fairchild Semiconductor ACE8000 Datasheet HTML 5Page - Fairchild Semiconductor ACE8000 Datasheet HTML 6Page - Fairchild Semiconductor ACE8000 Datasheet HTML 7Page - Fairchild Semiconductor ACE8000 Datasheet HTML 8Page - Fairchild Semiconductor ACE8000 Datasheet HTML 9Page - Fairchild Semiconductor ACE8000 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
6
www.fairchildsemi.com
ACE8001 Product Family Rev. B.2
3.0 AC & DC Electrical Characteristic Graphs
The graphs in this section are for design guidance and are based on preliminary test data.
Figure 4: RC Oscillator Frequency vs. Temperature
Figure 5: Internal Oscillator Frequency
(a) V
CC = 5.0V
1.000
1.200
1.400
1.600
1.800
2.000
2.200
2.400
2.600
3.3k/82pF
5.6k/100pF
6.8K/100pF
Avg
Min
Max
Resistor & Capacitor Values [k & pF]
0.600
0.800
1.000
1.200
1.400
1.600
3.3k/82pF
5.6k/100pF
6.8K/100pF
Avg
Min
Max
(b)V
CC=2.5V
Resistor & Capacitor Values [k & pF]
0.880
0.900
0.920
0.940
0.960
0.980
1.000
1.020
1.040
-45C
-20C
0C
25C
85C
125C
Temperature (
°C)
2.4 V
3.0 V
3.3 V
3.6 V
4.0 V
4.5 V
5.0 V
5.5 V


Similar Part No. - ACE8000

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE803N ACE-ACE803N Datasheet
651Kb / 8P
   Ultra Low Power Microprocessor Reset IC
VER 1.2
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
ACE809 ACE-ACE809 Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
ACE809 ACE-ACE809 Datasheet
308Kb / 5P
   3-Pin Microprocessor Reset Circuits
VER 1.3
ACE809JBM+H ACE-ACE809JBM+H Datasheet
200Kb / 6P
   3-Pin Microprocessor Reset Circuits
VER 1.2
More results

Similar Description - ACE8000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ACE1501 FAIRCHILD-ACE1501 Datasheet
1Mb / 33P
   ACE1501 Product Family Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1101 FAIRCHILD-ACE1101 Datasheet
152Kb / 33P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1001 FAIRCHILD-ACE1001 Datasheet
510Kb / 32P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1202 FAIRCHILD-ACE1202 Datasheet
2Mb / 39P
   Arithmetic Controller Engine (ACEx?? for Low Power Applications
ACE1502 FAIRCHILD-ACE1502 Datasheet
1Mb / 33P
   Arithmetic Controller Engine for Low Power Applications
logo
Altera Corporation
EP1K50TC144-3N ALTERA-EP1K50TC144-3N Datasheet
1Mb / 86P
   ACEX 1K Programmable Logic Device Family
logo
Fairchild Semiconductor
FAN302UL FAIRCHILD-FAN302UL Datasheet
1Mb / 19P
   PWM Controller for Low Standby Power Battery-Charger Applications
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com