Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC-318 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ADC-318
Description  8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ADC-318 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  ADC-318 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC-318 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DATEL, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151
Tel: (508) 339-3000 (800) 233-2765
Fax: (508) 339-6356
Internet: www.datel.com
Email: sales@datel.com
Data sheet fax back: (508) 261-2857
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein
do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.
DATEL (UK) LTD. Tadley, England Tel: (01256)-880444
DATEL S.A.R.L. Montigny Le Bretonneux, France Tel: 01-34-60-01-01
DATEL GmbH Munchen, Germany Tel: 89-544334-0
DATEL KK Tokyo, Japan Tel: 3-3779-1031, Osaka Tel: 6-354-2025
DS-0358
5/98
ADC-318, ADC-318A
®
®
ISO 9001
ISO 9001
REGISTERED
.602±.016
(15.3)
+.016
–.004
.472
0.031
(0.8)
0.012
+.006
–.004
48
37
36
25
24
13
12
1
0.004
+.008
–.004
.531
(13.5)
0.006
+.004
–.002
0.035 ±.008
0.087
+.014
–.006
(12.0)
(0.3)
(2.2)
(0.9)
(0.1)
(0.15)
ORDERING INFORMATION
ADC-318
8-bit, 120MHz Flash A/D
ADC-318A
8-bit, 140MHz Flash A/D
Figure 6: Typical Performance Curve
MECHANICAL DIMENSIONS INCES (MM)
170
160
150
140
130
–25
25
75
TA –Ambient Temperature (°C)
170
160
150
140
130
0
50
140
Conversion Rate (MHz)
100
20
15
10
–25
25
75
10-6
10-7
10-8
10-9
10-10
140
180
160
40
30
20
3
10
50
Input Frequency (MHz)
50
1
5
30
Fig. 4-1:
Supply Current vs. Temperature
Fig. 4-2:
Supply Current vs. Conversion Rate
Fig. 4-3:
Reference Current vs.Temperature
Fig. 4-4:
Error Rate vs. Conversion Rate
Fig. 4-5:
SNR+THD vs. Input Signal Frequency
TA –Ambient Temperature (°C)
Conversion Rate (MHz)
Sine Wave Curvefit Test
1.0000
(256)
0.0000
(128)
0.5000
(192)
–0.500
(64)
8
7
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
S/N Ratio 48.7dB
7.8 Effective Bits
Conditions
Sampling Frequency 120MHz
Signal Frequency 996kHz
4096 Points
ADC-318A
ADC-318
ADC-318
ADC-318A
fin = Fc/4–1KHz
Error> 16LSB
170
160
150
140
130
–25
25
75
TA –Ambient Temperature (°C)
Fig. 4-8:
Maximum Conversion Rate vs.Temperature
ADC-318
ADC-318A
ADC-318: FC=120MHz
ADC-318A: FC=140MHz
90
80
70
2
°C
0
Fig. 4-6:
Allowable Ambient Temperature vs. Air Flow
1
3
m/s
60
Four-layer board
Double-layer board
Single-layer board
ADC-318A
ADC-318
200
100
0
2
3
4
VIN Pin Voltage (V)
Fig. 4-7:
Analog Input Current vs.Voltage Inputs
VRT = +4V
VRB = +2V
Fig. 4-9: Sine Wave Curvefit Test


Similar Part No. - ADC-318

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-318 MURATA-PS-ADC-318 Datasheet
326Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
ADC-318A MURATA-PS-ADC-318A Datasheet
326Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
More results

Similar Description - ADC-318

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
ADC-318 MURATA-PS-ADC-318 Datasheet
326Kb / 8P
   8-Bit, 120MHz and 140MHz Full-Flash A/D Converter
logo
Nippon Precision Circui...
SM6102P NPC-SM6102P Datasheet
189Kb / 6P
   8-bit, Flash A/D Converter
logo
Sony Corporation
CXA3246Q SONY-CXA3246Q Datasheet
312Kb / 22P
   8-bit 120MSPS Flash A/D Converter
CXA3286R SONY-CXA3286R Datasheet
331Kb / 23P
   8-bit 160MSPS Flash A/D Converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
Intersil Corporation
HI3276 INTERSIL-HI3276_01 Datasheet
680Kb / 16P
   8-Bit, 160MSPS, Flash A/D Converter
HI5675 INTERSIL-HI5675 Datasheet
93Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
April 1999
logo
Sony Corporation
CXA3026Q SONY-CXA3026Q Datasheet
594Kb / 30P
   8-bit 120MSPS Flash A/D Converter
logo
Renesas Technology Corp
HI567 RENESAS-HI567 Datasheet
572Kb / 10P
   8-Bit, 20MSPS, Flash A/D Converter
March 2003
logo
Sony Corporation
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com