Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M0519SE3AE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # M0519SE3AE
Description  32-bit Microcontroller
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M0519SE3AE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button M0519SE3AE Datasheet HTML 4Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 5Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 6Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 7Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 8Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 9Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 10Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 11Page - List of Unclassifed Manufacturers M0519SE3AE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
M0519
Nov. 02, 2016
Page 8 of 69
Rev 1.02
Supports multiple clock sources from HCLK/2048 (default selection) and LIRC
Window set by 6-bit counter with 11-bit prescale
Able to wake up from Power-down or Idle mode
 Basic PWM
1 unit of 16-bit basic PWM, up to 2ch output
Alternative
function as input capture timer
 Enhanced PWM
2 units of 16-bit enhanced PWM, up to 6ch output with dead-zone control, brake and
polarity control for motor drive
Default
tri-state during any reset
 Enhanced Input Capture
Up to 2 units of 24-bit input capture
Each
unit has 3 inputs: ECAPx_IC0, ECAPx_IC1 and ECAPx_IC2
 UART
Up to two 16550 compatible UART devices
Programmable baud-rate generator
Buffered
receiving and transmitting, each with 16 bytes FIFO
Supports
flow control (TX, RX, CTS and RTS)
Supports
IrDA(SIR) function
Supports
RS-485
 SPI
Up to three sets of SPI device
Supports
SPI master/slave mode
Full duplex synchronous serial data transfer
Variable
length of transfer data from 8 to 32 bits
MSB or LSB first data transfer
Rx and Tx on both rising or falling edge of serial clock independently
Supports Byte Suspend mode in 32-bit transmission
 I
2C
Master/Slave up to 1 Mbit/s
Bi-directional data transfer between masters and slaves
Multi-master bus (no central master)
Arbitration
between simultaneously transmitting masters
Programmable
clocks allow versatile rate control
Multiple address recognition (four slave address with mask option)
 ADC
Two A/D converters
Each ADC with up to 8 channel, 12-bit resolution with 10-bit accuracy
16 result registers
Sampling rate up to 800ksps
Two
operating modes:
Single Sampling mode: Only one specified channel can be sampled at one time.
Simultaneous Sampling mode: Allowing two ADC channels to be sampled
simultaneously.
Two converting result digital comparators
Conversion start by software, external pins, or linked with Timer 0~3 or PWM module
 Up to three Analog Comparators
 Up to two OPA (operational amplifier)


Similar Part No. - M0519SE3AE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0519SE3AE NUVOTON-M0519SE3AE Datasheet
1Mb / 69P
   ARM짰 Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - M0519SE3AE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com