Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINI51LDE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # MINI51LDE
Description  32-BIT MICROCONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MINI51LDE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button MINI51LDE Datasheet HTML 7Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 8Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 9Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 10Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 11Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 12Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 13Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 14Page - List of Unclassifed Manufacturers MINI51LDE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 70 page
background image
NuMicro MINI51
DE Series Datasheet
May 22, 2014
Page 11 of 70
Revision 1.01
Supports Brown-out interrupt and reset option
96-bit unique ID
LVR (Low Voltage Reset)
Threshold voltage level: 2.0V
Operating Temperature: -40℃~105℃
Reliability: EFT > ± 4KV, ESD HBM pass 4KV
Packages:
Green package (RoHS)
48-pin LQFP (7x7), 33-pin QFN (5x5) , 33-pin QFN (4x4), 20-pin TSSOP


Similar Part No. - MINI51LDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
MINI51LDE NUVOTON-MINI51LDE Datasheet
1Mb / 70P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Similar Description - MINI51LDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com