Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MINI57TDE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MINI57TDE
Description  32-bit Microcontroller
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MINI57TDE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button MINI57TDE Datasheet HTML 4Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 5Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 6Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 7Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 8Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 9Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 10Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 11Page - List of Unclassifed Manufacturers MINI57TDE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 131 page
background image
Mini57
Apr. 06, 2017
Page 8 of 131
Rev.1.00
2
FEATURES
Core
-
ARM® Cortex® -M0 core running up to 48 MHz
-
One 24-bit system timer
-
Supports low power Idle mode
-
A single-cycle 32-bit hardware multiplier
-
NVIC for the 32 interrupt inputs, each with 4-level of priority
-
Supports Serial Wire Debug (SWD) interface and two watchpoints/four
breakpoints
Built-in LDO for wide operating voltage ranged: 2.1V to 5.5V
Memory
-
29.5 Kbytes Flash memory for program memory (APROM)
-
Configurable Flash memory for data memory (Data Flash)
-
2 KB Flash memory for loader (LDROM)
-
Three 0.5 KB Flash memory for security protection (SPROM)
-
4 KB SRAM for internal scratch-pad RAM (SRAM)
Clock Control
-
Programmable system clock source
Switch clock sources on-the-fly
-
4 ~ 24 MHz external crystal input (HXT)
-
32.768 kHz external crystal input (LXT) for idle wake-up and system operation
clock
-
48 MHz internal oscillator (HIRC) (±1% accuracy at 25
0C, 5V)
Dynamically calibrating the HIRC OSC to 48 MHz ±1% from -40℃ to 105℃
by external 32.768K crystal oscillator (LXT)
-
10 kHz internal low-power oscillator (LIRC) for Watchdog Timer and idle wake-
up
I/O Port
-
Up to 22 general-purpose I/O (GPIO) pins and 1 Reset pin for QFN-33 package
-
Four I/O modes:
Quasi-bidirectional input/output
Push-Pull output
Open-Drain output
Input only with high impendence
-
Optional TTL/Schmitt trigger input
-
I/O pin can be configured as interrupt source with edge/level setting
-
Supports high driver and high sink I/O mode


Similar Part No. - MINI57TDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
Mini57TDE NUVOTON-Mini57TDE Datasheet
2Mb / 131P
   ARM Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - MINI57TDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com