Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Mini57FDE Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # Mini57FDE
Description  32-bit Microcontroller
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

Mini57FDE Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button Mini57FDE Datasheet HTML 6Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 7Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 8Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 9Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 10Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 11Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 12Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 13Page - List of Unclassifed Manufacturers Mini57FDE Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 131 page
background image
Mini57
Apr. 06, 2017
Page 10 of 131
Rev.1.00
-
Hardware fault brake and software brake protections
-
Supports rising, falling, central, period, and fault break interrupts
-
Supports duty/period trigger A/D conversion
-
Timer comparing matching event trigger PWM to do phase change
-
Supports comparator event trigger PWM to force PWM output low for current
period
-
Provides interrupt accumulation function
USCI (Universal Serial Control Interface Controller)
-
Two USCI devices
-
Supports to be configured as UART, SPI or I²C individually
-
Supports programmable baud-rate generator
ADC (Analog-to-Digital Converter)
-
12-bit ADC with 700 kSPS
-
Supports 2 sample/hold
-
Up to 8-ch single-end input from I/O and one internal input from band-gap.
-
Conversion started either by software trigger, PWM trigger, ACMP trigger or
external pin trigger
-
Supports temperature sensor for measurement chip temperature
-
Supports Simultaneous and Sequential function to continuous conversion 4
channels maximum.
Programmable Gain Amplifier (PGA)
-
Supports 8 level gain selects from 1, 2, 3, 5, 7, 9, 11 and 13
-
Unity gain frequency up to 8 MHz
Analog Comparator
-
Two analog comparators with programmable 16-level internal voltage reference
-
Built-in CRV (comparator reference voltage)
-
Supports Hysteresis function
-
Interrupt when compared results changed
Hardware Divider
-
Signed (two’s complement) integer calculation
-
32-bit dividend with 16-bit divisor calculation capacity
-
32-bit quotient and 32-bit remainder outputs (16-bit remainder with sign extends
to 32-bit)
-
Divided by zero warning flag
-
6 HCLK clocks taken for one cycle calculation
-
Waiting for calculation ready automatically when reading quotient and remainder
ISP (In-System Programming) and ICP (In-Circuit Programming)


Similar Part No. - Mini57FDE

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
Mini57FDE NUVOTON-Mini57FDE Datasheet
2Mb / 131P
   ARM Cortex짰-M0 32-bit Microcontroller
More results

Similar Description - Mini57FDE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91301A FUJITSU-MB91301A Datasheet
4Mb / 622P
   32-BIT MICROCONTROLLER
MB91F367GA FUJITSU-MB91F367GA Datasheet
713Kb / 62P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC100LC1DN ETC2-NUC100LC1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
NUC140LC1CN ETC2-NUC140LC1CN Datasheet
1Mb / 77P
   32-BIT MICROCONTROLLER
logo
Cypress Semiconductor
MB91F469GA CYPRESS-MB91F469GA Datasheet
6Mb / 147P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
M052 NUVOTON-M052 Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUMAKER ETC2-NUMAKER Datasheet
1Mb / 71P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NANO120 NUVOTON-NANO120 Datasheet
1Mb / 18P
   32-bit Microcontroller
logo
Fujitsu Component Limit...
MB91230 FUJITSU-MB91230 Datasheet
298Kb / 66P
   32-bit Microcontroller
MB91305 FUJITSU-MB91305 Datasheet
880Kb / 90P
   32-bit Microcontroller
MB91F467BA FUJITSU-MB91F467BA Datasheet
1Mb / 136P
   32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com