Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1203IPWR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ADS1203IPWR
Description  MOTOR CONTROL CURRENT MEASUREMENT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1203IPWR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  ADS1203IPWR Datasheet HTML 1Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 2Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 3Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 4Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 5Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 6Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 7Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 8Page - Burr-Brown (TI) ADS1203IPWR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADS1203
SBAS318 − JUNE 2004
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating free-air temperature range at −40
°C to +85°C, VDD = +5V, VIN+ = −250mV to +250mV, VIN− = 0V, Mode 3,
MCLK input = 20MHz, and 16-bit Sinc3 filter, with OSR = 256, unless otherwise noted.
PARAMETER
UNITS
ADS1203IPW
TEST CONDITIONS
PARAMETER
UNITS
MAX
TYP(1)
MIN
TEST CONDITIONS
Digital Input
Logic family
CMOS with Schmitt Trigger
VIH
High-level input voltage
0.7
× VDD
VDD + 0.3
V
VIL
Low-level input voltage
−0.3
0.3
×VDD
V
IIH
High-level Input current
VI = VDD or GND
50
nA
IIL
Low-level Input current
VI = VDD or GND
−50
nA
CI
Input capacitance
5
pF
Digital Output
VOH
High-level digital output
VDD = 5V, IO = −5mA
4.6
V
VOH
High-level digital output
VDD = 5V, IO = −15mA
3.9
V
VOL
Low-level digital output
VDD = 5V, IO = 5mA
0.4
V
VOL
Low-level digital output
VDD = 5V, IO = 15mA
1.1
V
CO
Output capacitance
5
pF
CL
Load capacitance
30
pF
Power Supply
VDD
Supply voltage
4.5
5
5.5
V
ICC
Operating supply current
Mode 0
8.4
9.8
mA
ICC
Operating supply current
Mode 3
6.7
7.8
mA
Power dissipation
Mode 0
42
49
mW
Power dissipation
Mode 3
33.5
39
mW
Operating Temperature Range
−40
+85
°C
(1) All typical values are at TA = +25°C.
(2) Integral nonlinearity is defined as the maximum deviation of the line through the end points of the specified input range of the transfer curve
for VIN+ = −250mV to +250mV, expressed either as the number of LSBs or as a percent of measured input range (500mV).
(3) Ensured by design.
(4) Maximum values, including temperature drift, are ensured over the full specified temperature range.
(5) With reduced accuracy, minimum clock can go from 1MHz up to 32MHz.


Similar Part No. - ADS1203IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1203IPWR TI1-ADS1203IPWR Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
ADS1203IPWR TI1-ADS1203IPWR Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IPWRG4 TI1-ADS1203IPWRG4 Datasheet
996Kb / 34P
[Old version datasheet]   16-Bit Resolution 14-Bit Linearity 짹250mV Input Range with Single 5V Supply
ADS1203IPWRG4 TI1-ADS1203IPWRG4 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
More results

Similar Description - ADS1203IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1203 TI1-ADS1203 Datasheet
783Kb / 33P
[Old version datasheet]   Motor control, current measurement
logo
List of Unclassifed Man...
B59701A70A62 ETC2-B59701A70A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A90A62 ETC2-B59701A90A62 Datasheet
95Kb / 2P
   Measurement and Control
B59701A100A62 ETC2-B59701A100A62 Datasheet
95Kb / 2P
   Measurement and Control
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
logo
Sanyo Semicon Device
LB1946 SANYO-LB1946_07 Datasheet
134Kb / 16P
   PWM Current Control Stepping Motor Driver
LB11946 SANYO-LB11946 Datasheet
1Mb / 12P
   PWM Current Control Stepping Motor Driver
LB1845 SANYO-LB1845 Datasheet
136Kb / 7P
   PWM Current Control Stepping Motor Driver
LV8727 SANYO-LV8727 Datasheet
370Kb / 23P
   PWM Current Control Stepping Motor Driver
LV8741V_0712 SANYO-LV8741V_0712 Datasheet
210Kb / 25P
   PWM Current Control Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com