Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS48540-CQZ Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS48540-CQZ
Description  Cost-effective, High-performance 32-bit DSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS48540-CQZ Datasheet(HTML) 5 Page - Cirrus Logic

  CS48540-CQZ Datasheet HTML 1Page - Cirrus Logic CS48540-CQZ Datasheet HTML 2Page - Cirrus Logic CS48540-CQZ Datasheet HTML 3Page - Cirrus Logic CS48540-CQZ Datasheet HTML 4Page - Cirrus Logic CS48540-CQZ Datasheet HTML 5Page - Cirrus Logic CS48540-CQZ Datasheet HTML 6Page - Cirrus Logic CS48540-CQZ Datasheet HTML 7Page - Cirrus Logic CS48540-CQZ Datasheet HTML 8Page - Cirrus Logic CS48540-CQZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5
DS734F5
1 Documentation Strategy
1 Documentation Strategy
The CS485xx Family Data Sheet describes the CS485xx family of multichannel audio processors. This document should
be used in conjunction with the following documents when evaluating or designing a system around the CS485xx family
of processors.
The scope of the CS485xx Family Data Sheet is primarily the hardware specifications of the CS485xx family of devices.
This includes hardware functionality, characteristic data, pinout, and packaging information.
The intended audience for the CS485xx Family Data Sheet is the system PCB designer, MCU programmer, and the quality
control engineer.
2 Overview
The CS485xx DSP Family is designed to provide high-performance post-processing and mixing of digital audio. The dual
clock domain provided on the PCM inputs allows for the mixing of audio streams with different sampling frequencies. The
low-power standby preserves battery life for applications which are always on, but not necessarily processing audio, such
as automotive audio systems.
There are three devices comprising the CS485xx family. The CS48520, CS48540 and CS48560 are differentiated by the
number of inputs and outputs available. All DSPs support dual input clock domains and dual audio processing paths. All
DSPs are available in a 48-pin QFP package. Refer to Table 3-1 for the input, output, firmware features of each device.
2.1 Licensing
Licenses are required for all of the third party audio processing algorithms listed in Section 3. Contact your local
Cirrus Logic Sales representative for more information.
Table 1-1. CS485xx Family Related Documentation
Document Name
Description
CS485xx Family Data Sheet
This document
CS485xx Family Hardware User’s Manual
Includes detailed system design information including Typical Connection Diagrams,
Boot-Procedures, Pin Descriptions, etc.
AN298–CS485xx Family Firmware User’s Manual
Includes detailed firmware design information including signal processing flow
diagrams and control API information
DSP Composer User’s Manual
Includes detailed configuration and usage information for the GUI development tool.


Similar Part No. - CS48540-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48540-CQZ CIRRUS-CS48540-CQZ Datasheet
524Kb / 26P
   32-bit Audio Decoder DSP Family
More results

Similar Description - CS48540-CQZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS48500 CIRRUS-CS48500 Datasheet
319Kb / 28P
   Cost-effective, High-performance 32-bit DSP
logo
Samsung semiconductor
S3C4530A SAMSUNG-S3C4530A Datasheet
1Mb / 432P
   16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller
logo
Axiomtek Co., Ltd.
NA-820L AXIOMTEK-NA-820L Datasheet
159Kb / 1P
   High performance and cost-effective solution
logo
TE Connectivity Ltd
EEJ TEC-EEJ Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Hynix Semiconductor
GMS30C2216 HYNIX-GMS30C2216 Datasheet
1Mb / 320P
   16/32 BIT RISC/DSP
logo
Cirrus Logic
CS49DV8C CIRRUS-CS49DV8C Datasheet
560Kb / 30P
   32-bit Audio DSP Family
logo
Samsung semiconductor
S3C4510B SAMSUNG-S3C4510B Datasheet
2Mb / 422P
   Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems.
logo
Tyco Electronics
1EEJ1 MACOM-1EEJ1_11 Datasheet
853Kb / 7P
   Cost-effective Medium Performance Power Inlet Filter
logo
Samsung semiconductor
S3C380D SAMSUNG-S3C380D Datasheet
148Kb / 24P
   Samsung S3C380D 16/32-bit RISC microcontroller is a cost-effective and high-performance microcontroller solution for TV applications.
logo
Zilog, Inc.
Z86L04 ZILOG-Z86L04 Datasheet
165Kb / 26P
   Z8 8-Bit Cost-Effective Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com