Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA0H473ZF Datasheet(PDF) 1 Page - Kemet Corporation

Part # FA0H473ZF
Description  Supercapacitors FA Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

FA0H473ZF Datasheet(HTML) 1 Page - Kemet Corporation

  FA0H473ZF Datasheet HTML 1Page - Kemet Corporation FA0H473ZF Datasheet HTML 2Page - Kemet Corporation FA0H473ZF Datasheet HTML 3Page - Kemet Corporation FA0H473ZF Datasheet HTML 4Page - Kemet Corporation FA0H473ZF Datasheet HTML 5Page - Kemet Corporation FA0H473ZF Datasheet HTML 6Page - Kemet Corporation FA0H473ZF Datasheet HTML 7Page - Kemet Corporation FA0H473ZF Datasheet HTML 8Page - Kemet Corporation FA0H473ZF Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6018_FA • 3/30/2017
One world. One KEMET
Benefits
• Widerangeoftemperaturefrom−25°Cto+70°C
• Maintenance free
• 5.5 VDC and 11.0 VDC
• Highly reliable against liquid leakage
• Lead-free and RoHS Compliant
Overview
FA Series Supercapacitors, also known as Electric Double-
Layer Capacitors (EDLCs), are intended for high energy
storage applications.
Applications
Supercapacitors have characteristics ranging from
traditional capacitors and batteries. As a result,
supercapacitors can be used like a secondary battery
when applied in a DC circuit. These devices are best suited
for use in low voltage DC hold-up applications such as
embeddedmicroprocessorsystemswithflashmemory.
Supercapacitors
FA Series
Part Number System
FA
0H
104
Z
F
Series
Maximum Operating Voltage
Capacitance Code (F)
Capacitance
Tolerance
Environmental
FA
0H = 5.5 VDC
1A = 11.0 VDC
First two digits represent
significantfigures.Thirddigit
specifiesnumberofzeros.
Z=−20/+80%
F = Lead-free


Similar Part No. - FA0H473ZF

ManufacturerPart #DatasheetDescription
logo
NEC
FA0H473ZF NEC-FA0H473ZF Datasheet
476Kb / 39P
   Super Capacitors
More results

Similar Description - FA0H473ZF

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com