Electronic Components Datasheet Search |
|
SIG60 Datasheet(PDF) 5 Page - Yamar Electronics Ltd. |
|
SIG60 Datasheet(HTML) 5 Page - Yamar Electronics Ltd. |
5 / 16 page Preliminary and proprietary Information of YAMAR Electronics Ltd. Subject to change without notice. © 201 0-17 Yamar Electronics Ltd. 5 DS-SIG60 R10 3 connected to an external switch in the application. When the pin is triggered the device will wake up and send a wake up message to all the devices on the network. When not in use, this pin should be pulled Up or Down InterfHop 1 Input, Internal pull down Allows automatic frequency hoping whenever an interference signal is detected on the DC line. When HIGH, detection of interference switches the operating frequency between F0 and F1. If at the new frequency, no reception occurred for 2 sec, the operating frequency is switched back. For designs with a single channel this pin should be tied to ground. F1nFo 16 Input Selects between F0 / F1. HIGH – F1, LOW – F0 MF1nF0 10 Output 12mA Output signal indicates the selected channel. F1=”High”, F0= “Low Test 7 Input, PD Should be connected to Gnd Line Interface signals OscO 22 Analog Output Crystal Output OscIn 23 Analog Input Crystal Input RxN 4 Analog Output Input to the internal comparator negative pin. Its value is internally pulled to Vdd/2. Bypass RxN to Ground with a 1nF capacitor. RxP 28 Analog Input Positive pin input signal. Should be tied to RxN with a 1K Ohm resistor. DTxO 20 Tristate/ Output 2 mA Modulated digital transmit signal output to both ceramic filters. RxIn 5 Analog Input Receive input from the powerline to the RX operational amplifier. This input is pulled internally to Vdd/2 TxO 3 Analog Output Transmit output TxOn 9 Output 12mA HIGH when the device is transmitting a message RxOn 8 Output 12mA HIGH when the device is in receive mode F0B 26 Analog, Bi directional F0 External filter I/O. Its value is internally pulled to Vdd/2. F1B 25 Analog, Bi directional F1 External filter I/O. Its value is internally pulled to Vdd/2. Power signals Gnd 2,21 Power Ground Vdd 6,19 Power 3.3V power AGnd 24 Power Analog Ground AVdd 27 Power 3.3V Analog Power. Separate from Vdd with a 10 Ohm resistor and bypass to Ground with 1nF and 10nF capacitor. Exp Exp May be connected to GND PD – Pull down resistor 100K ohm +/-%30 PU – Pull up resistor 100K ohm +/-%30 |
Similar Part No. - SIG60_17 |
|
Similar Description - SIG60_17 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |